Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1103LUA-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1103LUA-T
Description  Continuous-Time Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1103LUA-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1103LUA-T Datasheet HTML 1Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 2Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 3Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1103LUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage1
VCC
Operating, TJ < 165°C
3.8
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
10
µA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
215
400
mV
Power-On Time2
tPO
Slew rate (dVCC/dt) < 2.5 V/μs, B > BOP + 5 G or B < BRP
– 5 G
4
µs
Output Rise Time3
tr
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
400
ns
Output Fall Time3
tf
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
400
ns
Supply Current
ICCON
B > BOP
4.1
7.5
mA
ICCOFF
B < BRP
3.8
7.5
mA
Reverse Battery Current
IRCC
VRCC = –30 V
–10
mA
Supply Zener Clamp Voltage
VZ
ICC = 10.5 mA; TA = 25°C
32
V
Supply Zener Current4
IZ
VZ = 32 V; TA = 25°C
10.5
mA
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 For V
CC slew rates greater than 250 V/μs, and TA = 150°C, the Power-On Time can reach its maximum value.
3 C
S =oscilloscope probe capacitance.
4 Maximum current limit is equal to the maximum I
CC(max) + 3 mA.
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (ELECTROMAGNETIC COMPATABILITY) REQUIREMENTS
Contact Allegro for information.
1
3
2
Package UA, 3-pin SIP
Package LH
1
2
3
Terminal List
Number
Name
Description
Package LH
Package UA
1
1
VCC
Connects power supply to chip
2
3
VOUT
Output from circuit
3
2
GND
Ground
ELECTRICAL OPERATING CHARACTERISTICS over full operating voltage and ambient temperature ranges, unless otherwise
noted


Similar Part No. - A1103LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1103LUA-T ALLEGRO-A1103LUA-T Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1103LUA-T ALLEGRO-A1103LUA-T Datasheet
303Kb / 12P
   Continuous-Time Switch
More results

Similar Description - A1103LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com