Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1244LUA-I2-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1244LUA-I2-T
Description  Chopper-Stabilized, Two-Wire Hall-Effect Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244LUA-I2-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1244LUA-I2-T Datasheet HTML 1Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 2Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 3Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 4Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 5Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 6Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 7Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 8Page - Allegro MicroSystems A1244LUA-I2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
THERMAL CHARACTERISTICS: may require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro Web site.
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(RθJA = 228 ºC/W)
LH, 1-layer PCB
(RθJA = 110 ºC/W)
LH, 2-layer PCB
(RθJA = 165 ºC/W)
UA, 1-layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
θJA = 165
ºC/W)
1-layer
PCB, P
ackage
UA
(R
θJA
= 228 ºC
/W)
1-layer P
CB, Pack
age LH
(R
θJA = 1
10 ºC
/W)
2-lay
er P
CB,
Pack
age
LH
Application Information
Chopper-Stabilized, Two-Wire
Hall-Effect Latch
A1244
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1244LUA-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1244LUA-I2-T ALLEGRO-A1244LUA-I2-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
More results

Similar Description - A1244LUA-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1242 ALLEGRO-A1242 Datasheet
363Kb / 11P
   Two-Wire Chopper-Stabilized Hall Effect Latch
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com