Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1193LUA-T3 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1193LUA-T3
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1193LUA-T3 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1193LUA-T3 Datasheet HTML 1Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 2Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 3Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 4Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 5Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 6Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 7Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 8Page - Allegro MicroSystems A1193LUA-T3 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DESCRIPTION
The A119x and A119x-F comprise a family of two-wire,
unipolar, Hall-effect switches, which can be trimmed by the
user at end-of-line to optimize magnetic switchpoint accuracy
in the application. The latter (-F option) are temperature-
compensated for use with ferrite magnets. These devices are
producedontheAllegroadvancedBiCMOSwaferfabrication
process,which implementsapatentedhigh-frequency,4-phase,
chopper stabilization technique. This technique achieves
magnetic stability over the full operating temperature range,
and eliminates offsets inherent in devices with a single Hall
element that are exposed to harsh application environments.
The A119x and A119x-F family has a number of automotive
applications.Theseincludesensingseattrackposition,seatbelt
bucklepresence,hood/trunklatching,andshiftselectorposition.
Two-wire unipolar switches are particularly advantageous in
cost-sensitive applications because they require one less wire
for operation versus the more traditional open-collector output
switches. Additionally, the system designer inherently gains
diagnostics because there is always output current flowing,
which should be in either of two narrow ranges. Any current
level not within these ranges indicates a fault condition.
All family members are offered in three package styles. The LH
is a SOT-23W style, miniature, low-profile package for surface-
mount applications. The UA is a 3-pin, ultra-mini, single inline
package(SIP)forthrough-holemounting.TheUBisa2-pinsingle
inline package (SIP) for through-hole mounting that integrates
the power supply decoupling capacitor. All three packages are
lead (Pb) free, with 100% matte-tin leadframe plating.
A1190-DS, Rev. 7
FEATURES AND BENEFITS
▪Choiceoffactory-settemperaturecoefficient(TC)foruse
with ferrite or rare-earth magnets
▪Fieldprogrammableforoptimizedswitchpoints
▪AEC-Q100automotivequalified
▫On-boardvoltageregulator:3to24Voperation
▪High-speed,4-phasechopperstabilization
▫Lowswitchpointdriftthroughouttemperaturerange
▫Lowsensitivitytothermalandmechanicalstresses
▪On-chipprotection
▫Supplytransientprotection
▫Reverse-batteryprotection
▫Industry-leadingISO7637-2performancethroughuseof
proprietary,40Vclampingstructure
▪Solid-statereliability
▪RobustEMCandESDperformance
▪UBpackagewithintegrated0.1µFbypasscapacitor
Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
Functional Block Diagram
A119x and A119x-F
Packages
Not to scale
3-pin SOT23-W
2 mm × 3 mm × 1
mm (suffix LH)
3-pin ultramini SIP
1.5 mm × 4 mm × 3
mm (suffix UA)
2-pin ultramini SIP
1.5 mm × 4 mm × 4
mm (suffix UB)
Amp
Regula
To all subcircuits
tor
Schmitt
Trigger
Polarity
Low-Pass
Filter
GND
VCC
GND
UA package only
UB package only
LH &UA
package
only
0
0
.
.
01
1
µF
µF
V+
Clock/Logic
Program / Lock
I
CC Adjust
Offset Adjust


Similar Part No. - A1193LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1193LUA-T3 ALLEGRO-A1193LUA-T3 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1193LUA-T3 ALLEGRO-A1193LUA-T3 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1193LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com