Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1126LLHLT-T2 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1126LLHLT-T2
Description  Chopper-Stabilized Omnipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1126LLHLT-T2 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1126LLHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1126LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Chopper-Stabilized Omnipolar Hall-Effect Switch
A1126
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS: may require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro Web site.
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(RθJA = 228 ºC/W)
1-layer PCB, Package LH
(RθJA = 110 ºC/W)
2-layer PCB, Package LH
(RθJA = 165 ºC/W)
1-layer PCB, Package UA
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
θJA = 165
ºC/W)
1-layer
PCB, P
ackage
UA
(R
θJA
= 228 ºC
/W)
1-layer P
CB, Pack
age LH
(R
θJA = 1
10 ºC
/W)
2-lay
er P
CB,
Pack
age
LH


Similar Part No. - A1126LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
More results

Similar Description - A1126LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LUA-T ALLEGRO-A1126LUA-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com