Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1126 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1126
Description  Chopper-Stabilized Omnipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1126 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1126_16 Datasheet HTML 5Page - Allegro MicroSystems A1126_16 Datasheet HTML 6Page - Allegro MicroSystems A1126_16 Datasheet HTML 7Page - Allegro MicroSystems A1126_16 Datasheet HTML 8Page - Allegro MicroSystems A1126_16 Datasheet HTML 9Page - Allegro MicroSystems A1126_16 Datasheet HTML 10Page - Allegro MicroSystems A1126_16 Datasheet HTML 11Page - Allegro MicroSystems A1126_16 Datasheet HTML 12Page - Allegro MicroSystems A1126_16 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Chopper-Stabilized Omnipolar Hall-Effect Switch
A1126
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
The output of these devices switches low (turns on) when a
magnetic field perpendicular to the Hall sensor chip exceeds the
operate point threshold, BOPx. After turn-on, the output voltage
is VOUT(SAT). The output transistor is capable of sinking current
up to the short circuit current limit, IOM, which is a minimum
of 30 mA. When the magnetic field is reduced below the release
point, BRPx, the device output goes high (turns off). The differ-
ence in the magnetic operate and release points is the hysteresis,
BHYS, of the device. This built-in hysteresis allows clean switch-
ing of the output even in the presence of external mechanical
vibration and electrical noise.
In the case of omnipolar switch devices, removal of the magnetic
field results in the device output high (off).
Powering-on the device in the hysteresis range (less than BOPx
and greater than BRPx) will allow an indeterminate output state.
The correct state is attained after the first excursion beyond BOPx
or BRPx.
Figure 1. Switching behavior of omnipolar switches. On the horizontal axis, the
B+ direction indicates increasing south polarity magnetic field strength, and the
B– direction indicates increasing north polarity. This behavior can be exhibited
when using a circuit such as that shown in figure 2.
BHYS
BHYS
VS
VOUT(SAT)
B+
B–
V+
0
0


Similar Part No. - A1126_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LUA-T ALLEGRO-A1126LUA-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
logo
MicroPower Direct, LLC
A1126RW MPD-A1126RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results

Similar Description - A1126_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LUA-T ALLEGRO-A1126LUA-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com