Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS112A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS112A
Description  DUAL J-K NEGATIVE-EDGE TRIGGERED FLIP-FLOPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS112A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LS112A Datasheet HTML 5Page - Texas Instruments SN54LS112A Datasheet HTML 6Page - Texas Instruments SN54LS112A Datasheet HTML 7Page - Texas Instruments SN54LS112A Datasheet HTML 8Page - Texas Instruments SN54LS112A Datasheet HTML 9Page - Texas Instruments SN54LS112A Datasheet HTML 10Page - Texas Instruments SN54LS112A Datasheet HTML 11Page - Texas Instruments SN54LS112A Datasheet HTML 12Page - Texas Instruments SN54LS112A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Apr-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74S112AD
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN74S112AN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN74S112AN
SN74S112AN3
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SNJ54LS112AFK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54LS
112AFK
SNJ54LS112AJ
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS112AJ
SNJ54LS112AW
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS112AW
SNJ54S112FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54S
112FK
SNJ54S112J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S112J
SNJ54S112W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S112W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - SN54LS112A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS112A MOTOROLA-SN54LS112A Datasheet
147Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Texas Instruments
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54LS112A TI-SN54LS112A Datasheet
697Kb / 17P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WIITH PRESET AND CLEAR
SN54LS112AFK TI-SN54LS112AFK Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54LS112AFK TI-SN54LS112AFK Datasheet
697Kb / 17P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WIITH PRESET AND CLEAR
More results

Similar Description - SN54LS112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC112 TI1-CD54AC112_14 Datasheet
903Kb / 15P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS
SN54H103 TI-SN54H103 Datasheet
157Kb / 3P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR
SN54LS113A TI-SN54LS113A Datasheet
259Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
logo
NXP Semiconductors
74F113 PHILIPS-74F113 Datasheet
81Kb / 10P
   Dual J-K negative edge-triggered flip-flops without reset
1991 Feb 14
logo
Hitachi Semiconductor
HD74LS107A HITACHI-HD74LS107A Datasheet
70Kb / 6P
   Dual J-K Negative-edge-triggered Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS107A RENESAS-HD74LS107A Datasheet
95Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LS113 HITACHI-HD74LS113 Datasheet
67Kb / 6P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset)
logo
Texas Instruments
SN54ALS113A TI1-SN54ALS113A Datasheet
74Kb / 4P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com