Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS373 Datasheet(PDF) 6 Page - Texas Instruments

Part # AS373
Description  OCTAL TRANSPARENT D-TYPE LATCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AS373 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AS373 Datasheet HTML 2Page - Texas Instruments AS373 Datasheet HTML 3Page - Texas Instruments AS373 Datasheet HTML 4Page - Texas Instruments AS373 Datasheet HTML 5Page - Texas Instruments AS373 Datasheet HTML 6Page - Texas Instruments AS373 Datasheet HTML 7Page - Texas Instruments AS373 Datasheet HTML 8Page - Texas Instruments AS373 Datasheet HTML 9Page - Texas Instruments AS373 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54ALS373A, SN54AS373, SN74ALS373A, SN74AS373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS083C – APRIL 1982 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS373
SN74AS373
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V to 5.5 V,
IOH = –2 mA
VCC–2
VCC–2
VOH
VCC =4 5V
IOH = –12 mA
2.4
3.2
V
VCC = 4.5 V
IOH = –15 mA
2.4
3.3
VOL
VCC =4 5V
IOL = 32 mA
0.27
0.5
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.32
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–50
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.02
–0.5
–0.02
–0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
Outputs high
55
90
55
90
ICC
VCC = 5.5 V
Outputs low
55
85
55
85
mA
Outputs disabled
65
100
65
100
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
SN54AS373
SN74AS373
MIN
MAX
MIN
MAX
tPLH
D
Q
3
9
3.5
6
ns
tPHL
D
Q
3
8
3.5
6
ns
tPLH
LE
AQ
6.5
14.5
6.5
11.5
ns
tPHL
LE
Any Q
5
9
5
7.5
ns
tPZH
OE
AQ
2
7.5
2
6.5
ns
tPZL
OE
Any Q
4.5
10.5
4.5
9.5
ns
tPHZ
OE
Any Q
3
10
3
6.5
ns
tPLZ
OE
Any Q
3
8
3
7
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - AS373

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS37-H39B BOARDCOM-AS37-H39B Datasheet
1Mb / 10P
   39-Bit Battery Backup Multi-Turn Absolute Encoder
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
   Dual Power Path PMIC
2014-Sep-10
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
   Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3729 AMSCO-AS3729 Datasheet
468Kb / 19P
   5A Power Stage
More results

Similar Description - AS373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com