Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS373 Datasheet(PDF) 5 Page - Texas Instruments

Part # AS373
Description  OCTAL TRANSPARENT D-TYPE LATCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AS373 Datasheet(HTML) 5 Page - Texas Instruments

  AS373 Datasheet HTML 1Page - Texas Instruments AS373 Datasheet HTML 2Page - Texas Instruments AS373 Datasheet HTML 3Page - Texas Instruments AS373 Datasheet HTML 4Page - Texas Instruments AS373 Datasheet HTML 5Page - Texas Instruments AS373 Datasheet HTML 6Page - Texas Instruments AS373 Datasheet HTML 7Page - Texas Instruments AS373 Datasheet HTML 8Page - Texas Instruments AS373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54ALS373A, SN54AS373, SN74ALS373A, SN74AS373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS083C – APRIL 1982 – REVISED MARCH 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (SN54AS373, SN74AS373)
(unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any output in the high state or power-off state
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
SN54AS373
SN74AS373
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–12
–15
mA
IOL
Low-level output current
32
48
mA
TA
Operating free-air temperature
–55
125
0
70
°C
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54AS373
SN74AS373
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
MHz
tw
Pulse duration, LE high
5.5*
4.5*
ns
tsu
Setup time, data before LE
2*
2*
ns
th
Hold time, data after LE
3*
3*
ns
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.


Similar Part No. - AS373

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS37-H39B BOARDCOM-AS37-H39B Datasheet
1Mb / 10P
   39-Bit Battery Backup Multi-Turn Absolute Encoder
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
   Dual Power Path PMIC
2014-Sep-10
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
   Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3729 AMSCO-AS3729 Datasheet
468Kb / 19P
   5A Power Stage
More results

Similar Description - AS373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com