Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS373A Datasheet(PDF) 8 Page - Texas Instruments

Part # ALS373A
Description  OCTAL TRANSPARENT D-TYPE LATCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ALS373A Datasheet(HTML) 8 Page - Texas Instruments

Back Button ALS373A Datasheet HTML 4Page - Texas Instruments ALS373A Datasheet HTML 5Page - Texas Instruments ALS373A Datasheet HTML 6Page - Texas Instruments ALS373A Datasheet HTML 7Page - Texas Instruments ALS373A Datasheet HTML 8Page - Texas Instruments ALS373A Datasheet HTML 9Page - Texas Instruments ALS373A Datasheet HTML 10Page - Texas Instruments ALS373A Datasheet HTML 11Page - Texas Instruments ALS373A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
83020012A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
83020012A
SNJ54ALS
373AFK
8302001RA
ACTIVE
CDIP
J
20
1
TBD
A42
N / A for Pkg Type
-55 to 125
8302001RA
SNJ54ALS373AJ
JM38510/37203B2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
JM38510/
37203B2A
JM38510/37203BRA
ACTIVE
CDIP
J
20
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
37203BRA
M38510/37203B2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
JM38510/
37203B2A
M38510/37203BRA
ACTIVE
CDIP
J
20
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
37203BRA
SN54ALS373AJ
ACTIVE
CDIP
J
20
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN54ALS373AJ
SN74ALS373ADBLE
OBSOLETE
SSOP
DB
20
TBD
Call TI
Call TI
0 to 70
SN74ALS373ADBR
ACTIVE
SSOP
DB
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
G373A
SN74ALS373ADW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A
SN74ALS373ADWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A
SN74ALS373ADWR
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A
SN74ALS373ADWRG4
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A
SN74ALS373AN
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN74ALS373AN
SN74ALS373AN3
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
0 to 70
SN74ALS373ANSR
ACTIVE
SO
NS
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A
SN74ALS373ANSRG4
ACTIVE
SO
NS
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
ALS373A


Similar Part No. - ALS373A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30 KEMET-ALS30 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
logo
List of Unclassifed Man...
ALS300 ETC2-ALS300 Datasheet
240Kb / 66P
   Media Audio Controller SPEC
logo
Kemet Corporation
ALS30A101DA500 KEMET-ALS30A101DA500 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 100 uF, 20%, 500 V, -40/85C
ALS30A102DE250 KEMET-ALS30A102DE250 Datasheet
74Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 1000 uF, 20%, 250 V, -40/85C
More results

Similar Description - ALS373A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com