Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4232 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4232
Description  High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4232 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4232 Datasheet HTML 1Page - Maxim Integrated Products MAX4232 Datasheet HTML 2Page - Maxim Integrated Products MAX4232 Datasheet HTML 3Page - Maxim Integrated Products MAX4232 Datasheet HTML 4Page - Maxim Integrated Products MAX4232 Datasheet HTML 5Page - Maxim Integrated Products MAX4232 Datasheet HTML 6Page - Maxim Integrated Products MAX4232 Datasheet HTML 7Page - Maxim Integrated Products MAX4232 Datasheet HTML 8Page - Maxim Integrated Products MAX4232 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 5.5V, VCM = VDD / 2
1.2
2.3
Quiescent Supply Current (per
Amplifier)
IDD
VDD = 2.7V, VCM = VDD / 2
1.1
2.0
mA
VDD = 5.5V
0.5
1
Shutdown Supply Current (per
Amplifier) (Note 3)
IDD(SHDN)
VSHDN = 0V, RL =
VDD = 2.7V
0.1
1
µA
Shutdown mode (Note 3)
VSS + 0.3
SHDN Logic Threshold
Normal mode (Note 3)
VDD - 0.3
V
SHDN Input Bias Current
VSS < VSHDN < VDD (Note 3)
50
pA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VDD
Inferred from PSRR test
2.7
5.5
V
Input Offset Voltage
VOS
±8mV
Offset Voltage Tempco
∆VOS /∆T
±3
µV/°C
Common-Mode Input Voltage
Range
VCM
Inferred from CMRR test
VSS
VDD
V
Common-Mode Rejection Ratio
CMRR
VSS < VCM < VDD
46
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 5.5V
70
dB
Output Voltage in Shutdown
VOUT(SHDN)
VSHDN < 0V, RL = 200
Ω (Note 3)
150
mV
RL = 2k
76
Large-Signal Voltage Gain
AVOL
VSS + 0.2V < VDD - 0.2V
RL = 200
67
dB
VDD - VOH
650
RL = 32
Ω, TA = +85°C
VOL - VSS
650
VDD - VOH
150
RL = 200
VOL - VSS
150
VDD - VOH
20
Output Voltage Swing
VOUT
RL = 2k
VOL - VSS
20
mV
Output Source/Sink Current
VOUT = 0.15V to (VDD - 0.15V)
4
mA
VDD - VOH
250
IL = 10mA
VDD = 2.7V
VOL - VSS
230
VDD - VOH
400
Output Voltage with Current Load
IL = 30mA,
TA = -40
°C
to +85
°C
VDD = 5V
VOL - VSS
370
mV
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL =
∞ connected to (VDD/2), VSHDN = VDD, TA = +25°C, unless otherwise
noted.) (Note 2)
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL =
∞ connected to (VDD/2), VSHDN = VDD, TA = -40 to +125°C, unless oth-
erwise noted.) (Note 2)


Similar Part No. - MAX4232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4232 MAXIM-MAX4232 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4232 MAXIM-MAX4232 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4232 MAXIM-MAX4232 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4232AKA+T MAXIM-MAX4232AKA+T Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
More results

Similar Description - MAX4232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com