Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXL1535EEWI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXL1535EEWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1535EEWI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXL1535EEWI Datasheet HTML 1Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 2Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 3Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 4Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 5Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 6Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 7Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 8Page - Maxim Integrated Products MXL1535EEWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX3535E/MXL1535E isolated RS-485/RS-422 full-
duplex transceivers provide 2500VRMS of galvanic isola-
tion between the RS-485/RS-422 side and the processor
or control logic side. These devices allow fast,
1000kbps communication across an isolation barrier
when the common-mode voltages (i.e., the ground
potentials) on either side of the barrier are subject to
large differences. Isolation is achieved through integrat-
ed high-voltage capacitors. The MAX3535E/MXL1535E
also feature a 420kHz transformer driver that allows
power transfer to the RS-485 side using an external
transformer.
The MAX3535E/MXL1535E include one differential driver,
one receiver, and internal circuitry to send the RS-485
signals and control signals across the isolation barrier
(including the isolation capacitors). The MAX3535E/
MXL1535E RS-485 receivers are 1/8 unit load, allowing
up to 256 devices on the same bus.
The MAX3535E/MXL1535E feature true fail-safe circuitry.
The driver outputs and the receiver inputs are protected
from ±15kV electrostatic discharge (ESD) on the inter-
face side, as specified in the Human Body Model (HBM).
The MAX3535E/MXL1535E feature driver slew-rate
select that minimizes electromagnetic interference (EMI)
and reduces reflections. The driver outputs are short-cir-
cuit and overvoltage protected. Other features are hot-
swap capability and isolation-barrier fault detection.
The MAX3535E operates with a single +3V to +5.5V
power supply. The improved secondary supply range of
the MAX3535E allows the use of step-down transformers
for +5V operation, resulting in considerable power sav-
ings. The MXL1535E operates with a single +4.5V to
+5.5V power supply. The MXL1535E is a function-/pin-
compatible improvement of the LTC1535. The
MAX3535E/MXL1535E are available over the commer-
cial 0°C to +70°C and extended -40°C to +85°C temper-
ature ranges.
Applications
Isolated RS-485 Systems
Systems with Large Common-Mode Voltages
Industrial-Control Local Area Networks
Telecommunications Systems
Features
♦ 2500VRMS RS-485 Bus Isolation Using On-Chip
High-Voltage Capacitors
♦ 1000kbps Full-Duplex RS-485/RS-422
Communication
♦ +3V to +5.5V Power-Supply Voltage Range
(MAX3535E)
♦ +4.5V to +5.5V Power-Supply Voltage Range
(MXL1535E)
♦ 1/8 Unit Receiver Load, Allowing 256 Devices on
Bus
♦ ±15kV ESD Protection Using HBM
♦ Pin-Selectable Slew-Rate Limiting Controls EMI
♦ Hot-Swap-Protected Driver-Enable Input
♦ Undervoltage Lockout
♦ Isolation-Barrier Fault Detection
♦ Short-Circuit Protected
♦ Thermal Shutdown
♦ Open-Line and Shorted-Line Fail-Safe Receiver
Inputs
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
________________________________________________________________ Maxim Integrated Products
1
28
27
26
25
18
17
16
15
1
2
3
4
11
12
13
14
RO1
RE
DE
DI
B
SLO
RO2
A
VCC2
PINS 5–10 and 19–24 ARE REMOVED FROM THE PACKAGE
Y
Z
GND2
GND1
ST2
ST1
VCC1
WIDE SO
TOP VIEW
MAX3535E
MXL1535E
PART
TEMP RANGE
PIN-
PACKAGE
POWER-
SUPPLY
RANGE
(V)
MAX3535ECWI
0°C to +70°C
28 Wide SO
+3.0 to +5.5
MAX3535EEWI
-40°C to +85°C
28 Wide SO
+3.0 to +5.5
MXL1535ECWI
0°C to +70°C
28 Wide SO
+4.5 to +5.5
MXL1535EEWI
-40°C to +85°C
28 Wide SO+4.5 to +5.5
Pin Configuration
Ordering Information
19-3270; Rev 0; 4/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MXL1535EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1535EEWI MAXIM-MXL1535EEWI Datasheet
645Kb / 26P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Rev 0; 4/04
More results

Similar Description - MXL1535EEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3535E MAXIM-MAX3535E_14 Datasheet
645Kb / 26P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Rev 0; 4/04
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com