Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4245AXT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4245AXT-T
Description  Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4245AXT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4245AXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4245AXT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ultra-Small, Rail-to-Rail I/O with Disable,
Single-/Dual-Supply, Low-Power Op Amps
_______________________________________________________________________________________
5
0
4
2
8
6
12
10
14
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
VOUT (V)
VDD = 5.5V
VDD = 2.5V
0
10
5
25
20
15
30
35
45
40
50
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VOUT (V)
VDD = 2.5V
VDD = 5.5V
0
10
30
20
40
OUTPUT SWING HIGH
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
70
15
125
RL = 2k
RL = 100k
0
10
30
20
40
OUTPUT SWING LOW
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
70
15
125
RL = 2k
RL = 100k
0.001
10
1000
0.1
0.01
1
100
10,000
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
-130
-110
-90
-70
-50
0
-100
0.1
10
10
100
1000
10,000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (kHz)
-60
-40
-20
-90
-70
-50
-30
-10
100
1000
100,000
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. INPUT FREQUENCY
MAX4245 toc13
INPUT FREQUENCY (Hz)
1
0.1
0.0001
0.01
0.001
10,000
RL = 100k
AV = +1
VOUT = 2Vp-p
VDD = 5.0V
10
01
2
3
4
5
1
0.1
0.01
0.001
0.0001
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. AMPLITUDE
OUTPUT VOLTAGE (VP-P)
RL = 100k
AV = +1
fIN = 1kHz
VDD = 5.0V
80
0.1
1
10
100
1000
10,000
40
20
0
-20
-40
GAIN AND PHASE vs. FREQUENCY
MAX4245 toc15
FREQUENCY (kHz)
60
90
-30
-90
-150
-210
-270
30
PHASE
GAIN
NO LOAD
Typical Operating Characteristics (continued)
(VDD = 2.7V, VSS = VCM = 0, VOUT = VDD/2, no load, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4245AXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4245AXT+T MAXIM-MAX4245AXT+T Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results

Similar Description - MAX4245AXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com