Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3124D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3124D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3124D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3124D2 Datasheet HTML 7Page - Texas Instruments TPA3124D2 Datasheet HTML 8Page - Texas Instruments TPA3124D2 Datasheet HTML 9Page - Texas Instruments TPA3124D2 Datasheet HTML 10Page - Texas Instruments TPA3124D2 Datasheet HTML 11Page - Texas Instruments TPA3124D2 Datasheet HTML 12Page - Texas Instruments TPA3124D2 Datasheet HTML 13Page - Texas Instruments TPA3124D2 Datasheet HTML 14Page - Texas Instruments TPA3124D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
f − Frequency − Hz
20
VCC = 24 V
RL = 8 Ω (BTL)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G020
1
PO = 5 W
PO = 20 W
0.01
PO = 1 W
PO − Output Power − W
0.01
RL = 8 Ω (BTL)
Gain = 20 dB
0.1
1
10
0.001
0.01
10
40
0.1
G021
1
VCC = 12 V
VCC = 24 V
VCC = 18 V
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
45
50
10
12
14
16
18
20
22
24
26
G023
THD+N = 1%
THD+N = 10%
RL = 8 Ω (BTL)
Gain = 20 dB
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
G024
RL = 8 Ω (BTL)
Gain = 20 dB
VCC = 24 V
TPA3124D2
www.ti.com........................................................................................................................................................................................................ SLOS578 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 21.
Figure 22.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 24.
A.
Dashed
line
represents
thermally
limited
region.
Figure 23.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3124D2


Similar Part No. - TPA3124D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2_1 Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3124D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com