Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3107D2PAPTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA3107D2PAPTG4
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2PAPTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3107D2PAPTG4 Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 10Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 11Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 12Page - Texas Instruments TPA3107D2PAPTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
1
0.01
V
=24V
R =8
Gain=20dB
CC
L
W
P
=1W
O
P
=5W
O
P
=10W
O
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
1
0.01
V
=18V
R =6
Gain=20dB
CC
L
W
P
=10W
O
P
=5W
O
P
=1W
O
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
1
0.01
V
=24V
R =6
Gain=20dB
CC
L
W
P
=1W
O
P
=5W
O
P
=10W
O
0.1
1
10
0.01
10m
100m
1
10
20
40
P
− OutputPower − W
O
V
=12V
R =8
Gain=20dB
CC
L
W
20Hz
10kHz
1kHz
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 5.
Figure 6.
9
Submit Documentation Feedback


Similar Part No. - TPA3107D2PAPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3107D2PAPTG4 TI-TPA3107D2PAPTG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPTG4 TI-TPA3107D2PAPTG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3107D2PAPTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com