Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2032D1YZFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2032D1YZFT
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1YZFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2032D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 13Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
Advantages of Fully Differential Amplifiers
COMPONENT SELECTION
Decoupling Capacitor (CS)
Input Capacitors (CI)
fc +
1
2p R
I
C
I
(1)
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
The TPA2032D1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2
regardless of the common-mode voltage at the input. The fully differential TPA2032D1 can still be used with a
single-ended input; however, the TPA2032D1 should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum noise rejection.
Input-coupling capacitors not required:
– The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. The inputs of
the TPA2032D1 can be biased anywhere within the common mode input voltage range listed in the
Recommended Operating Conditions table. If the inputs are biased outside of that range, input-coupling
capacitors are required.
Midsupply bypass capacitor, C(BYPASS), not required:
– The fully differential amplifier does not require a bypass capacitor. Any shift in the midsupply affects both
positive and negative channels equally and cancels at the differential output.
Better RF-immunity:
– GSM handsets save power by turning on and shutting off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked-up on input and output traces. The fully differential amplifier cancels the signal
better than the typical audio amplifier.
Figure 35 shows the TPA2032D1 typical schematic with differential inputs, while Figure 36 shows the
TPA2032D1 with differential inputs and input capacitors. Figure 37 shows the TPA2032D1 with a single-ended
input.
The TPA2032D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically
1
µF, placed as close as possible to the device V
DD lead works best. Placing this decoupling capacitor close to
the TPA2032D1 is very important for the efficiency of the class-D amplifier, because any resistance or
inductance in the trace between the device and the capacitor can cause a loss in efficiency. For filtering
lower-frequency noise signals, a 10
µF or greater capacitor placed near the audio power amplifier would also
help, but it is not required in most applications because of the high PSRR of this device. Typically, the smaller
the capacitor's case size, the lower the inductance and the closer it can be placed to the TPA2032D1.
The TPA2032D1 does not require input coupling capacitors if the design uses a differential source that is biased
within the common-mode input voltage range. That voltage range is listed in the Recommended Operating
Conditions table. If the input signal is not biased within the recommended common-mode input range, such as in
needing to use the input as a high pass filter, shown in Figure 36, or if using a single-ended source, shown in
Figure 37, input coupling capacitors are required. The same value capacitors should be used on both IN+ and
IN– for best pop performance.
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speaker response may also be taken into consideration when setting the corner
frequency using input capacitors.
10
Submit Documentation Feedback


Similar Part No. - TPA2032D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2032D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com