Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2032D1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2032D1
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1 Datasheet(HTML) 2 Page - Texas Instruments

  TPA2032D1 Datasheet HTML 1Page - Texas Instruments TPA2032D1 Datasheet HTML 2Page - Texas Instruments TPA2032D1 Datasheet HTML 3Page - Texas Instruments TPA2032D1 Datasheet HTML 4Page - Texas Instruments TPA2032D1 Datasheet HTML 5Page - Texas Instruments TPA2032D1 Datasheet HTML 6Page - Texas Instruments TPA2032D1 Datasheet HTML 7Page - Texas Instruments TPA2032D1 Datasheet HTML 8Page - Texas Instruments TPA2032D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TA
PACKAGE
PART NUMBER
SYMBOL
–40
°C to 85°C
Wafer chip scale packaging – Lead free (YZF)
TPA2032D1YZF (1)
BPX
–40
°C to 85°C
Wafer chip scale packaging – Lead free (YZF)
TPA2033D1YZF (1)
BPY
–40
°C to 85°C
Wafer chip scale packaging – Lead free (YZF)
TPA2034D1YZF (1)
BPZ
(1)
The YZF package is only available taped and reeled. To order add the suffix R to the end of the part number for a reel of 3000, or add
the suffix T to the end of the part number for a reel of 250 (e.g. TPA2032D1YZFR).
over operating free-air temperature range unless otherwise noted(1)
TPA2032D1, TPA2033D1,
TPA2034D1
In active mode
–0.3 V to 6 V
VDD
Supply voltage
In SHUTDOWN mode
–0.3 V to 7 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40
°C to 85°C
TJ
Operating junction temperature
–40
°C to 125°C
Tstg
Storage temperature
–65
°C to 150°C
ESD
Electro-Static Discharge Tolerance - Human Body Model (HBM) for all pins(2)
2KV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The output pins Vo– and Vo+ are tolerant to 1.5KV HBM ESD
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.3
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.35
V
VIC
Common mode input voltage range VDD = 2.5 V, 5.5 V
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
(1 /
θ
JA)
POWER RATING
POWER RATING
POWER RATING
YZF
4.8 mW/
°C(1)
480 mW
264 mW
192 mW
YZF
7.5 mW/
°C(2)
750 mW
412 mW
300 mW
(1)
Derating factor measured with JEDEC Low-K board; 1S0P - One signal layer and zero plane layers.
(2)
Derating factor measured with JEDEC High K board; 1S2P - One signal layer and two plane layers.
Please see JEDEC Standard 51-3 for Low-K board, JEDEC Standard 51-7 for High-K board, and JEDEC Standard 51-12 for using
package thermal information.
Please see JEDEC document page for downloadable copies: http://www.jedec.org/download/default.cfm.
2
Submit Documentation Feedback


Similar Part No. - TPA2032D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2032D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com