Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1102EUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1102EUA
Description  8-Bit CODECs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102EUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1102EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 9Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 10Page - Maxim Integrated Products MAX1102EUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
_______________________________________________________________________________________
7
8-Bit CODECs
SCLK
POSITIVE SETTLING TIME
MAX1102 toc19
1
µs/div
OUT
3V
0
1V/div
SCLK
NEGATIVE SETTLING TIME
MAX1102 toc20
1
µs/div
OUT
3V
0
1V/div
SCLK
CLOCK FEEDTHROUGH
MAX1102 toc21
1
µs/div
OUT
3V
0
2mV/div
-140
-100
-120
-60
-80
-20
-40
0
04
6
2
8
10
12
14
ADC FFT
FREQUENCY (kHz)
VDD = +4.5V
FSAMPLE = 24.576kHz
FL = 10.002kHz
-120
-80
-100
-60
0
20
-20
-40
40
0
2345
1
6789
10
DAC FFT
FREQUENCY (kHz)
VDD = +4.5V
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1102), VDD = +5V (MAX1103), fSCLK = 6.0MHz (50% duty cycle), ROUT = 10k
Ω, COUT = 100pF, TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX1102EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1102EUA++ MAXIM-MAX1102EUA+ Datasheet
521Kb / 17P
   8-Bit CODECs
19-1873; Rev 1; 1/11
More results

Similar Description - MAX1102EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1102 MAXIM-MAX1102_V01 Datasheet
521Kb / 17P
   8-Bit CODECs
19-1873; Rev 1; 1/11
logo
Analog Devices
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835A AD-AD1835A Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
logo
National Semiconductor ...
TP3020 NSC-TP3020 Datasheet
335Kb / 8P
   MONOLITHIC CODECS
TP5156A NSC-TP5156A Datasheet
281Kb / 7P
   Monolithic codecs
logo
Samsung semiconductor
KT8554B SAMSUNG-KT8554B Datasheet
152Kb / 10P
   1 CHIP CODECS
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com