Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0252PWPG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA0252PWPG4
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0252PWPG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0252PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0252PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.01%
−40
−30
−20
−10
0
A
- Voltage Gain - dB
1%
0.1%
10
20
V
PO = 1 W for AV ≥ 6 dB
VO = 1 VRMS for AV ≤ 4 dB
RL = 8 Ω
BTL
0.1%
0.01%
0.5 0.75
1
1.25 1.5 1.75
2
1%
10%
2.25 2.5 2.75
3
PO - Output Power - W
AV = 20 to 0 dB
f = 1 kHz
BTL
RL = 8 Ω
RL = 3 Ω
RL = 4 Ω
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
Table of Graphs
FIGURE
vs Output power
1, 4, 6, 8, 10
THD+N
Total harmonic distortion plus noise
vs Voltage gain
2
vs Frequency
3, 5, 7, 9, 11, 12
Vn
Output noise voltage
vs Frequency
13
Supply ripple rejection ratio
vs Frequency
14, 15
Crosstalk
vs Frequency
16, 17, 18
Shutdown attenuation
vs Frequency
19
SNR
Signal-to-noise ratio
vs Frequency
20
Closed loop response
21, 22
PO
Output power
vs Load resistance
23, 24
vs Output power
25, 26
PD
Power dissipation
vs Ambient temperature
27
RI
Input resistance
vs Gain
28
IDD(VAUX)
Supply current
vs VAUX
29
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
VOLTAGE GAIN
Figure 1.
Figure 2.
5


Similar Part No. - TPA0252PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI-TPA0252PWP Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI-TPA0252PWPR Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPRG4 TI-TPA0252PWPRG4 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com