Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0172 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA0172
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0172 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0172_16 Datasheet HTML 1Page - Texas Instruments TPA0172_16 Datasheet HTML 2Page - Texas Instruments TPA0172_16 Datasheet HTML 3Page - Texas Instruments TPA0172_16 Datasheet HTML 4Page - Texas Instruments TPA0172_16 Datasheet HTML 5Page - Texas Instruments TPA0172_16 Datasheet HTML 6Page - Texas Instruments TPA0172_16 Datasheet HTML 7Page - Texas Instruments TPA0172_16 Datasheet HTML 8Page - Texas Instruments TPA0172_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0 V,
AV = 20 dB
20
mV
PSRR
Power supply rejection ratio
VDD = 4.5 V to 5.5 V
75
dB
|IIH|
High-level input current
VDD = 5.5 V,
VI = VDD
1
µA
|IIL|
Low-level input current
VDD = 5.5 V,
VI = 0 V
1
µA
Zi
Input impedance
7.5
k
IDD
Supply current
BTL mode
8
12
mA
IDD(SD)
Supply current, shutdown mode
PC-BEEP = 0 V
15
35
µA
IDD(SD)
Supply current, shutdown mode
PC-BEEP = VDD/2
50
90
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω, Gain = 20 dB, BTL mode (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.08%,
f = 1 kHz
2
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 20 kHz
0.3%
BOM
Maximum output power bandwidth
THD = 1%
>20
kHz
Supply ripple rejection ratio
f = 1 kHz,
CB = 0.47 F
BTL mode
−58
dB
Supply ripple rejection ratio
f = 1 kHz,
CB = 0.47 µF
SE mode
−52
dB
Vn
Noise output voltage
CB = 0.47 µF,
f = 20 Hz to 20 kHz,
BTL mode
29
µVRMS
Vn
Noise output voltage
f = 20 Hz to 20 kHz,
Gain = 6 dB BTL, 0 dB SE
SE mode
23
µVRMS
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD+N
Total harmonic distortion plus noise
vs Output power
1, 2, 4, 6
THD+N
Total harmonic distortion plus noise
vs Frequency
3, 5,
Vn
Output noise voltage
vs Frequency
7
Supply ripple rejection ratio
vs Frequency
8, 9
Crosstalk
vs Frequency
10, 11
Shutdown attenuation
vs Frequency
12
Closed loop response
13, 14
PO
Output power
vs Load resistance
15, 16
PD
Power dissipation
vs Output power
17, 18
PD
Power dissipation
vs Ambient temperature
19


Similar Part No. - TPA0172_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results

Similar Description - TPA0172_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com