Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4M Datasheet(PDF) 3 Page - Formosa MS

Part # GBU4M
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBU4M Datasheet(HTML) 3 Page - Formosa MS

  GBU4M Datasheet HTML 1Page - Formosa MS GBU4M Datasheet HTML 2Page - Formosa MS GBU4M Datasheet HTML 3Page - Formosa MS GBU4M Datasheet HTML 4Page - Formosa MS GBU4M Datasheet HTML 5Page - Formosa MS GBU4M Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves (GBU4A THRU GBU4M)
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
PERCENT OF RATED PEAK REVERSE VOLTAGE ( %)
FIG. 3 - TYPICAL INSTANTANEOUR FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
CASE TEMPERATURE( C)
°
REVERSE VOLTAGE (VOLTS)
1
10
100
200
150
100
50
0
°C
=25°C
=50°C
=100°C
=125°C
°
DS-242133
2009/02/10
2016/04/25
D
6


Similar Part No. - GBU4M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBU4M SUNMATE-GBU4M Datasheet
281Kb / 2P
   GLASSN PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU4M FAIRCHILD-GBU4M Datasheet
743Kb / 3P
   4.0 Ampere Bridge Rectifiers
logo
Vishay Siliconix
GBU4M VISHAY-GBU4M Datasheet
105Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
logo
GOOD-ARK Electronics
GBU4M GOOD-ARK-GBU4M Datasheet
186Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 4.0 Amperes
logo
Shenzhen Luguang Electr...
GBU4M LUGUANG-GBU4M Datasheet
166Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - GBU4M

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com