Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0112PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA0112PWPG4
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0112PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA0112PWPG4 Datasheet HTML 1Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 2Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 3Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 4Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 5Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 6Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 7Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 8Page - Texas Instruments TPA0112PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA0112
SLOS204C – MAY 1999 – REVISED SEPTEMBER 2004
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
GAIN0
2
I
Bit 0 of gain control
GAIN1
3
I
Bit 1 of gain control
1, 12, 13,
GND
Ground connection for circuitry. Connected to the thermal pad.
24
LHPIN
6
I
Left channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs.
LLINEIN
5
I
Left channel line input, selected when SE/BTL is held low
LOUT+
4
O
Left channel positive output in BTL mode and positive output in SE mode
LOUT–
9
O
Left channel negative output in BTL mode and high impedance in SE mode
The input for PC Beep mode. PC-BEEP is enabled when a > 1.5-V (peak-to-peak) square wave is
PC-BEEP
14
I
input to PC-BEEP or PCB ENABLE is high.
If this terminal is high, the detection circuitry for PC-BEEP is overridden and passes PC-BEEP
PCB ENABLE
17
I
through the amplifier, regardless of its amplitude. If PCB ENABLE is floating or low, the amplifier
continues to operate normally.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs.
RLINEIN
23
I
Right channel line input, selected when SE/BTL is held low
ROUT+
21
O
Right channel positive output in BTL mode and positive output in SE mode
ROUT–
16
O
Right channel negative output in BTL mode and high-impedance in SE mode
SHUTDOWN
22
I
Places entire IC in shutdown mode when held low, except PC-BEEP remains active
Input MUX control input. When this terminal is held high, the LHPIN or RHPIN and SE output is
SE/BTL
15
I
selected. When this terminal is held low, the LLINEIN or RLINEIN and BTL output are selected.
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest
VDD
19
I
performance.
Connect to ground. Must be soldered down in all applications to properly secure the device on the
Thermal pad
PC board.
over operating free-air temperature range (unless otherwise noted)(1)
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD +0.3 V
Continuous total power dissipation
Internally Limited (see Dissipation Rating
Table)
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond thoselisted under absolute maximum ratings may cause permanent damage to the device.These are stress ratings
only, and functional operation of the device at theseor any other conditions beyond those indicated under recommended
operatingconditions is not implied. Exposure to absolute-maximum-rated conditions forextended periods may affect device reliability.
3


Similar Part No. - TPA0112PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0112PWP TI-TPA0112PWP Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results

Similar Description - TPA0112PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com