Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4G Datasheet(PDF) 2 Page - Formosa MS

Part # GBU4G
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBU4G Datasheet(HTML) 2 Page - Formosa MS

  GBU4G Datasheet HTML 1Page - Formosa MS GBU4G Datasheet HTML 2Page - Formosa MS GBU4G Datasheet HTML 3Page - Formosa MS GBU4G Datasheet HTML 4Page - Formosa MS GBU4G Datasheet HTML 5Page - Formosa MS GBU4G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4.0A Glass Passivated
Single-Phase Bridge
Rectifiers-50-1000V
Surge overload ratings to 150 amperes peak.
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Features
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen free parts, ex.
A-H.
UL recognized file # E321971
GΒU4
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, GBU
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : Approximated 4.00 gram
Page 2
GBU4A
GBU4B
GBU4D
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =4.0A
F
V
F
(V)
*4
GBU4G
GBU4J
400
600
280
420
-55 to +150
GBU4K
GBU4M
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Bridge Rectifier
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
GBU4A THRU GBU4M
Document ID
Issued Date
Revised Date
Revision
Page.
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
I t Rating for fusing
2
(with heatsink Note 1)
at T =100
without heatsink
C
℃(
)
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
It
2
A
A
uA
As
2
4.0
2.4
150
10.0
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
500
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
Typical junction capacitance
per element
C
J
pF
93
Note 1. Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.
45
Typical thermal resistance
R
θJC
OC/W
2.2
Measured at 1.0MHz and applied reverse voltage
of 4.0 VDC
Junction to case
Package outline
GBU
Polarity shown on front side of case,positive lead by beveled corner
Dimensions in inches and (millimeters)
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
+–
~
~
DS-242133
2009/02/10
2016/04/25
D
6


Similar Part No. - GBU4G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4G PANJIT-GBU4G Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU4G GENESIC-GBU4G Datasheet
371Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Semikron International
GBU4G SEMIKRON-GBU4G Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
Nell Semiconductor Co.,...
GBU4G NELLSEMI-GBU4G Datasheet
568Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
GBU4G MCC-GBU4G Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU4G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com