Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6503MT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503MT
Description  Wideband, Low Power, Linear Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503MT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6503MT Datasheet HTML 1Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 2Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 3Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 4Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 5Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 6Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 7Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 8Page - National Semiconductor (TI) LMH6503MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance: (Note 4)
Human Body
2KV
Machine Model
200V
Input Current
±10mA
V
IN Differential
±(V+ −V)
Output Current
120mA (Note 3)
Supply Voltages (V
+ -V)
12.6V
Voltage at Input/ Output pins
V
+ +0.8V,V- 0.8V
Soldering Information:
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
Operating Ratings (Note 1)
Supply Voltages (V
+ -V)
5Vto12V
Temperature Range
−40˚C to +85˚C
Thermal Resistance:
θ
JA
θ
JC
14-Pin SOIC
138˚C/W
45˚C/W
14-Pin TSSOP
160˚C/W
51˚C/W
Electrical Characteristics(Note 2)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF =1k
Ω,R
G = 174
Ω,V
IN-
_DIFF
= ±0.1V, R
L = 100
Ω,V
G = +1V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Frequency Domain Response
BW
-3dB Bandwidth
V
OUT < 0.5PP
135
MHz
V
OUT < 0.5PP,AV(MAX) = 100
50
GF
Gain Flatness
V
OUT < 0.5VPP,
−1V < V
G < 1V, ±0.2dB
40
MHz
Att Range Flat Band (Relative to Max Gain)
Attenuation Range (Note 13)
±0.2dB Flatness, f < 30MHZ
20
MHz
±0.1dB, f < 30MHZ
6.6
BW
Control
Gain Control Bandwidth
V
G = 0V (Note 11)
100
MHz
PL
Linear Phase Deviation
DC to 60MHz
1.6
deg
G Delay
Group Delay
DC to 130MHz
2.6
ns
CT (dB)
Feed-through
V
G = −1.2V, 30MHz (Output
Referred)
−48
dB
GR
Gain Adjustment Range
f < 10MHz
79
dB
f < 30MHz
68
Time Domain Response
t
r ,tf
Rise and Fall Time
0.5V Step
2.2
ns
OS%
Overshoot
0.5V Step
10
%
SR
Slew Rate
4V Step (Note 5)
1800
V/µs
∆G Rate
Gain Change Rate
V
IN = 0.3V, 10%−90% of final
output
4.6
dB/ns
Distortion & Noise performance
HD2
2
nd Harmonic Distortion
2V
PP, 20MHz
−60
dBc
HD3
3
rdHarmonic Distortion
2V
PP, 20MHz
−61
dBc
THD
Total Harmonic Distortion
2V
PP, 20MHz
−57
dBc
En tot
Total Equivalent Input Noise
1MHz to 150MHz
6.6
nV/
I
n
Input Noise Current
1MHz to 150MHz
2.4
pA/
DG
Differential Gain
f = 4.43MHz, R
L = 150
Ω, Neg.
Sync
0.15
%
DP
Differential Phase
f = 4.43MHz, R
L = 150
Ω, Neg.
Sync
0.22
deg
www.national.com
2


Similar Part No. - LMH6503MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI1-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT/NOPB TI1-LMH6503MT/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MTX TI-LMH6503MTX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com