Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ20K Datasheet(PDF) 3 Page - Formosa MS

Part # GBJ20K
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GBJ20K Datasheet(HTML) 3 Page - Formosa MS

  GBJ20K Datasheet HTML 1Page - Formosa MS GBJ20K Datasheet HTML 2Page - Formosa MS GBJ20K Datasheet HTML 3Page - Formosa MS GBJ20K Datasheet HTML 4Page - Formosa MS GBJ20K Datasheet HTML 5Page - Formosa MS GBJ20K Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (GBJ20A THRU GBJ20M)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
1000
100
10
1.0
0.1
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=100°C
TJ=50°C
TJ=25°C
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
1.0
1.0
10
100
TJ=25°Cf,=1MHZ
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
60
120
140
100
80
40
20
0
0
5
25
15
20
10
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
WITHOUT HEATSINK
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
TJ=25°C
(JEDEC METHOD)
SINGLE -SINE - WAVE
150
300
100
250
200
50
0
1
2
5
10
20
50
100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ =25°C
PULSE WIDTH 300us
0.1
0.01
1.0
00.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
100
1.8
10
DS-242155
2009/08/10
2014/12/29
D
6


Similar Part No. - GBJ20K

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
GBJ20K MOSPEC-GBJ20K Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBJ20K CHENG-YI-GBJ20K Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBJ20K ETC2-GBJ20K Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Zowie Technology Corpor...
GBJ20K ZOWIE-GBJ20K Datasheet
112Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ20K GOOD-ARK-GBJ20K Datasheet
156Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ20K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com