Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4950TA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4950TA
Description  7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4950TA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4950TA Datasheet HTML 1Page - National Semiconductor (TI) LM4950TA Datasheet HTML 2Page - National Semiconductor (TI) LM4950TA Datasheet HTML 3Page - National Semiconductor (TI) LM4950TA Datasheet HTML 4Page - National Semiconductor (TI) LM4950TA Datasheet HTML 5Page - National Semiconductor (TI) LM4950TA Datasheet HTML 6Page - National Semiconductor (TI) LM4950TA Datasheet HTML 7Page - National Semiconductor (TI) LM4950TA Datasheet HTML 8Page - National Semiconductor (TI) LM4950TA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
200470B2
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =1W
200470B3
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =3W
THD+N vs Frequency
THD+N vs Frequency
200470B4
V
DD = 12V, RL =8
Ω,
BTL operation, P
OUT =5W
200470D5
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =1W
THD+N vs Frequency
THD+N vs Frequency
200470D4
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =3W
200470D6
V
DD = 12V, RL =8
Ω,
BTL operation, BTLA
V = 20, POUT =5W
www.national.com
5


Similar Part No. - LM4950TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4950TS TI1-LM4950TS Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TS/NOPB TI1-LM4950TS/NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4950TSX/NOPB TI1-LM4950TSX/NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results

Similar Description - LM4950TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
logo
List of Unclassifed Man...
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
   16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7770 MPS-MP7770 Datasheet
973Kb / 23P
   2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
   2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
   3.1W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com