Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1506S Datasheet(PDF) 5 Page - Formosa MS

Part # DF1506S
Description  SMD Bridge Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DF1506S Datasheet(HTML) 5 Page - Formosa MS

  DF1506S Datasheet HTML 1Page - Formosa MS DF1506S Datasheet HTML 2Page - Formosa MS DF1506S Datasheet HTML 3Page - Formosa MS DF1506S Datasheet HTML 4Page - Formosa MS DF1506S Datasheet HTML 5Page - Formosa MS DF1506S Datasheet HTML 6Page - Formosa MS DF1506S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Bridge Rectifier
DF15005S THRU DF1510S
Packing information
P0
P1
E
d
F
W
P
A
D
D1
D2
W1
Item
Tolerance
DFS
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
unit:mm
1.50
330.00
-
50.00
-
13.00
1.75
7.50
12.00
4.00
2.00
0.30
16.00
22.00
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
8.64
10.41
3.50
B
C
T
+
DS-241104
2008/02/10
2013/06/10
D
7
~
~


Similar Part No. - DF1506S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF1506S DIODES-DF1506S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
DF1506S DIODES-DF1506S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
DF1506S COMCHIP-DF1506S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
logo
Diodes Incorporated
DF1506S DIODES-DF1506S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF1506S VISHAY-DF1506S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
More results

Similar Description - DF1506S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
196Kb / 7P
   SMD Bridge Rectifier
DB151S FORMOSA-DB151S Datasheet
1Mb / 7P
   SMD bridge Rectifier
DF005S FORMOSA-DF005S Datasheet
115Kb / 7P
   SMD Bridge Rectifier
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
   SMD Bridge Rectifier
ABS2 FORMOSA-ABS2 Datasheet
1Mb / 7P
   SMD Bridge Rectifier
DB201S FORMOSA-DB201S Datasheet
1Mb / 7P
   SMD Bridge Rectifier
LBS05 FORMOSA-LBS05 Datasheet
282Kb / 7P
   SMD Bridge Rectifier
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
   SMD Schottky Bridge Rectifier
MDS22 FORMOSA-MDS22 Datasheet
67Kb / 7P
   SMD Schottky Bridge Rectifier
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_18 Datasheet
182Kb / 2P
   SMD Schottky Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com