Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1501S Datasheet(PDF) 6 Page - Formosa MS

Part # DF1501S
Description  SMD Bridge Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DF1501S Datasheet(HTML) 6 Page - Formosa MS

  DF1501S Datasheet HTML 1Page - Formosa MS DF1501S Datasheet HTML 2Page - Formosa MS DF1501S Datasheet HTML 3Page - Formosa MS DF1501S Datasheet HTML 4Page - Formosa MS DF1501S Datasheet HTML 5Page - Formosa MS DF1501S Datasheet HTML 6Page - Formosa MS DF1501S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Bridge Rectifier
DF15005S THRU DF1510S
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
Reel packing and tube packing
DFS
13"
1,000
12.0
2,000
337*337*37
330
350*330*360
12,000
11.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
DFS
50
423*12.0*4.8
452*164*130
10,000
5.4
PACKAGE
TUBE
TUBE SIZE
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(pcs)
DS-241104
2008/02/10
2013/06/10
D
7


Similar Part No. - DF1501S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF1501S DIODES-DF1501S Datasheet
53Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
DF1501S DIODES-DF1501S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
DF1501S COMCHIP-DF1501S Datasheet
52Kb / 2P
   SMD Genenal Purpose Bridge Rectifier
logo
Diodes Incorporated
DF1501S DIODES-DF1501S Datasheet
69Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
DF1501S VISHAY-DF1501S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
More results

Similar Description - DF1501S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
196Kb / 7P
   SMD Bridge Rectifier
DB151S FORMOSA-DB151S Datasheet
1Mb / 7P
   SMD bridge Rectifier
DF005S FORMOSA-DF005S Datasheet
115Kb / 7P
   SMD Bridge Rectifier
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
   SMD Bridge Rectifier
ABS2 FORMOSA-ABS2 Datasheet
1Mb / 7P
   SMD Bridge Rectifier
DB201S FORMOSA-DB201S Datasheet
1Mb / 7P
   SMD Bridge Rectifier
LBS05 FORMOSA-LBS05 Datasheet
282Kb / 7P
   SMD Bridge Rectifier
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
   SMD Schottky Bridge Rectifier
MDS22 FORMOSA-MDS22 Datasheet
67Kb / 7P
   SMD Schottky Bridge Rectifier
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_18 Datasheet
182Kb / 2P
   SMD Schottky Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com