Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W06G Datasheet(PDF) 2 Page - Formosa MS

Part # 2W06G
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2W06G Datasheet(HTML) 2 Page - Formosa MS

  2W06G Datasheet HTML 1Page - Formosa MS 2W06G Datasheet HTML 2Page - Formosa MS 2W06G Datasheet HTML 3Page - Formosa MS 2W06G Datasheet HTML 4Page - Formosa MS 2W06G Datasheet HTML 5Page - Formosa MS 2W06G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
2W005G
2W01G
2W02G
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage @I =2.0A
F
V
F
(V)
*4
2W04G
2W06G
400
600
280
420
-55 to +150
2W08G
2W10G
800
1000
560
700
50
100
200
400
600
800
1000
1.10
Bridge Rectifier
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Features
Lead-free parts for green partner, meet RoHS requirements
Suffix "-H" indicates Halogen-free parts, ex. 2W005G-H.
Surge overload rating 60 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
I t Rating for fusing
2
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
It
2
A
A
uA
As
2
2.0
60
10.0
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
1000
Storage temperature
T
STG
OC
+175
-65
t < 8.3 ms
Typical Junction capacitance
C
J
pF
15
Note 1: Measured at 1.0MHz and applied reverse voltage of 4.0V
Note 1
30
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
2.0A Glass Passivated Single-Phase
Bridge Rectifiers-50-1000V
2W005G THRU 2W10G
Package outline
Mechanical data
Case: Potted plastic round body
Epoxy: UL94-V0 rated flame retardant
Terminals: Solderable per MIL-STD-750 Method 2026
Polarity: As marked
Mounting Position: Any
Dimensions in inches and (millimeters)
.220(5.6)
.200(5.1)
.366(9.3)
.350(8.9)
.921(23.4)
Min.
1.083(27.5)
Min.
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
.032(0.81)
.028(0.71)
Round Bridge (WOB)
DS-242135
2009/08/10
2016/05/17
E
6


Similar Part No. - 2W06G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W06G ZOWIE-2W06G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
2W06G VISHAY-2W06G Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
2W06G MIC-2W06G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
2W06G FAIRCHILD-2W06G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results

Similar Description - 2W06G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com