Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002K Datasheet(PDF) 4 Page - Formosa MS

Part # 2N7002K
Description  N-Channel SMD MOSFET ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2N7002K Datasheet(HTML) 4 Page - Formosa MS

  2N7002K Datasheet HTML 1Page - Formosa MS 2N7002K Datasheet HTML 2Page - Formosa MS 2N7002K Datasheet HTML 3Page - Formosa MS 2N7002K Datasheet HTML 4Page - Formosa MS 2N7002K Datasheet HTML 5Page - Formosa MS 2N7002K Datasheet HTML 6Page - Formosa MS 2N7002K Datasheet HTML 7Page - Formosa MS 2N7002K Datasheet HTML 8Page - Formosa MS 2N7002K Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (2N7002K)
Fig.1 Output Characteristic
Fig.2 Transfer Characteristic
Fig.3 On Resistance vs Drain Current
Fig.4 On Resistance vs Gate to Source Voltage
Fig.5 On Resistance vs Junction Temperature
0
0.2
0.4
0.6
0.8
1.2
2
3
4
5
6
7
V
- Gate-to-Source Voltage (V)
GS
5
4
1
2
3
0
1.0
8
9
10
I - Drain Current (A)
D
V
- Gate-to-Source Voltage (V)
GS
T - Junction Temperature (°C)
J
V
- Drain-to-Source Voltage (V)
DS
V
= 4.5V
GS
V
= 10V
GS
I = 200mA
D
5
4
1
2
3
0
I = 500mA
D
Document ID
Issued Date
Revised Date
Revision
Page.
5.0V
4.0V
3.0V
V
= 6.0~10V
GS
I = 500mA
D
V
= 10V
GS
V
= 10V
DS
DS-251105
2008/02/10
2012/10/24
G
9


Similar Part No. - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 21-Feb-05
logo
SHENZHEN SLS TECHNOLOGY...
2N7002K SHENZHENSLS-2N7002K Datasheet
307Kb / 1P
   Plastic-Encapsulate MOSFETS
logo
Wuxi NCE Power Semicond...
2N7002K NCEPOWER-2N7002K Datasheet
295Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
Nexperia B.V. All right...
2N7002K NEXPERIA-2N7002K Datasheet
347Kb / 13P
   TrenchMOS™ logic level FET
Rev. 01 - 20 October 2003
logo
Nanjing International G...
2N7002K DGNJDZ-2N7002K Datasheet
1Mb / 2P
   Voltage controlled small signal switch
More results

Similar Description - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Formosa MS
2N7002KW FORMOSA-2N7002KW Datasheet
113Kb / 8P
   N-Channel SMD MOSFET ESD Protection
logo
Leshan Radio Company
LN2320EDT2AG LRC-LN2320EDT2AG Datasheet
843Kb / 5P
   N-Channel 20V (D-S) MOSFET , ESD Protection
logo
First Silicon Co., Ltd
FTK2322DFN22 FS-FTK2322DFN22 Datasheet
583Kb / 6P
   N-Channel 20V (D-S) MOSFET , ESD Protection
logo
Leshan Radio Company
LN2323EDT2AG LRC-LN2323EDT2AG Datasheet
353Kb / 6P
   N-Channel 20V (D-S) MOSFET , ESD Protection
LN2322EDT2AG LRC-LN2322EDT2AG Datasheet
659Kb / 6P
   N-Channel 20V (D-S) MOSFET , ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com