Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERD09-13S Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ERD09-13S
Description  FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ERD09-13S Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ERD09-13S Datasheet HTML 1Page - SUNMATE electronic Co., LTD ERD09-13S Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ERD09 -15S
ERD09 -13S
ERD09-13S - ERD09-15S
Maximum recurrent peak reverse voltage
VRRM
1500
V
Maximum RMS voltage
VRMS
1050
V
Maximum DC blocking voltage
VDC
1500
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
8.3ms s ingle half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
at 3.0 A
VF
V
Maximum revers e current
@T
A=25
at rated DC blocking v oltage
@T
A =100
Maximum revers e recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
N OTE:1. Meas ured with I
F =0.5A, I R=1A, I rr=0. 25A.
Z and applied rev ers e v olt age of 4. 0V D C .
IFSM
A
-55----+150
-55----+150
IR
70.0
10.0
200.0
1.5
A
1300
910
1300
32
22
600
CURRENT : 3.0 A
3.0
A
IF(AV)
Features
FAST RECOVERY RECTIFIER DIODES
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
!
! Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
! Polarity: Cathode Band
! Weight: 1.2 grams (approx.)
! Mounting Position: Any
! Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with Freon,Alcohol,Isopropanol
and similar solvents
!
!
!
!
!
!
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
1 of 2
www.sunmate.tw
3. Therm al resis tanc e f rom junc tion to am bient.
2. Meas ured at 1. 0MH
VOLT AGE RANGE: 1300 - 1500V


Similar Part No. - ERD09-13S

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERD09-13 BILIN-ERD09-13 Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
ERD09-13 LUGUANG-ERD09-13 Datasheet
170Kb / 2P
   Fast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
ERD09-13 DSK-ERD09-13 Datasheet
279Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - ERD09-13S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com