Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER3E Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER3E
Description  SURFACE MOUNT SUPER FAST RECOVER Y DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER3E Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER3E Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER3E Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
VOLTAGE RANGE: 50 - 600V
SURFACE MOUNT SUPER FAST RECOVERY DIODES
ER3A - ER3J
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
Characteristic
Symbol
ER3A
ER3B
ER3C
ER3D
ER3E
ER3G
ER3J
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
0.95
1.25
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
45
pF
Typical Thermal Resistance (Note 3)
RJL
16
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Classification Rating 94V-O
Super-Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Features
Mechanical Data
CURRENT: 3.0 A
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
www.sunmate.tw


Similar Part No. - ER3E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3E PANJIT-ER3E Datasheet
50Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Taychipst Elec...
ER3E TAYCHIPST-ER3E Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Surge Components
ER3E SURGE-ER3E Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Shenzhen Luguang Electr...
ER3E LUGUANG-ER3E Datasheet
215Kb / 2P
   Surface Mount Rectifiers
logo
Transys Electronics
ER3E TRSYS-ER3E Datasheet
158Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ER3E

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ER3AF SUNMATE-ER3AF Datasheet
309Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AB SUNMATE-ES3AB Datasheet
365Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AB SUNMATE-ES5AB Datasheet
345Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5AF SUNMATE-ER5AF Datasheet
426Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AA SUNMATE-ES3AA Datasheet
369Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5A SUNMATE-ES5A Datasheet
366Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com