Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC10UA40 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # EC10UA40
Description  SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EC10UA40 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  EC10UA40 Datasheet HTML 1Page - SUNMATE electronic Co., LTD EC10UA40 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
CURRENT: 1A
VOLTAGE RANGE: 400V
EC10UA40
T j= 25 ℃ , V RM= V RRM
Junction to Lead
Min.
Typ.
Max.
20
23
Symbol
IRM
Rth(j-l)
trr
IFM= 1A, -di/dt
= 50 A/ μ s, T j= 25 ℃
13
25
Unit
μA
ns
℃/W
108
℃/W
VFM
T j= 25 ℃ , I FM= 1A
1.32
1.50
V
Symbol
Unit
VRRM
400
V
IO
A
A
IF(RMS)
1.51
A
IFSM
20
A
Tstg
−40∼+150
Tjw
−40∼+150
= 114 ℃
1.0
Ta = 28 ℃
*1
0.8
Junction to Ambient
Rth(j-a)
Tl
Features
For Surface Mounted Applications
High Temperature Metallurgically Bonded Contacts
Plastic Material - UL Flammability
Classification 94V-0
High Reliability
High Current Capability and Low VF
Submersible Temperature of 265
°C for
10 Seconds in Solder Bath
Maximum Ratings @ TA = 25°C unless otherwise specified
Repetitive Peak Reverse Voltage
Average Rectified Forward Current 50Hz Half Sine Wave Resistive Load
R.M.S.Forward Current
Surge Forward Current 50Hz Half Sine Wave,Icycle,Non-repetitive
Operating Junction Temperature Range
Storage Temperature Range
Characteristic
Peak Reverse Current
Peak Forward Voltage
Reverse Recovery Time
Thermal Resistance
Characteristic
SURFACE MOUNT SUPER FAST RECOVERYRECTIFIER DIODES
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
EC10UA40
!
!
!
!
!
!
!
www.sunmate.tw
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Similar Part No. - EC10UA40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
   FRED
logo
National Instruments Co...
EC10UA40_2015 NI-EC10UA40_2015 Datasheet
187Kb / 1P
   FRED
More results

Similar Description - EC10UA40

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ER3AB SUNMATE-ER3AB Datasheet
871Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
EC11FS4 SUNMATE-EC11FS4 Datasheet
453Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
ER3AF SUNMATE-ER3AF Datasheet
309Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AB SUNMATE-ES3AB Datasheet
365Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AB SUNMATE-ES5AB Datasheet
345Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com