Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5V1 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MM3Z5V1
Description  Small plastic package suitable for surface mounted
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MM3Z5V1 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MM3Z5V1 Datasheet HTML 1Page - Bruckewell Technology LTD MM3Z5V1 Datasheet HTML 2Page - Bruckewell Technology LTD MM3Z5V1 Datasheet HTML 3Page - Bruckewell Technology LTD MM3Z5V1 Datasheet HTML 4Page - Bruckewell Technology LTD MM3Z5V1 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MM3Z2V0_MM3Z75
VZ : 2.0 to 75 V
PD : 300 mW
Publication Order Number: [MM3Z2V0_MM3Z75]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Total Power Dissipation : Max. 300 mW
• Small plastic package suitable for surface mounted
design
• Standard Zener Breakdown Voltage Range 2.0 to 75V
• Tolerance approximately ± 5%
• RoHS compliant package
Mechanical Data
• Case: SOD-323 Plastic Package
• Weight: approx. 0.004g
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings and Thermal Characteristics (Ta=25°C)
Symbol
Parameter
Value
Unit
Ptot
Power Dissipation
300
mW
VF
Forward Voltage at IF = 10 mA
0.9
V
RθJA
Thermal Resistance form Junction to Ambient
0.3
K/mW
TJ
Junction Temperature Range
150
°C
Tstg
Storage Temperature Range
-65 to +150
°C


Similar Part No. - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z5V1 DIOTEC-MM3Z5V1 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z5V1 YFWDIODE-MM3Z5V1 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
logo
Shanghai Leiditech Elec...
MM3Z5V1 LEIDITECH-MM3Z5V1 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Weitron Technology
MM3Z5V1 WEITRON-MM3Z5V1 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z5V1 SECOS-MM3Z5V1 Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
More results

Similar Description - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
4SODJ36A SMC-4SODJ36A Datasheet
201Kb / 5P
   Small plastic package suitable for surface-mounted design
logo
Shanghai Leiditech Elec...
SMA4728A LEIDITECH-SMA4728A Datasheet
434Kb / 4P
   Small plastic package suitable for surface mounted design
logo
Microdiode Electronics ...
1SMAF4728A CHENDA-1SMAF4728A Datasheet
971Kb / 2P
   Small plastic package suitable for surface mounted design
logo
NXP Semiconductors
SOT343N PHILIPS-SOT343N Datasheet
13Kb / 1P
   Plastic surface mounted package; 4 leads
1999 Apr 16
SOT353 PHILIPS-SOT353 Datasheet
13Kb / 1P
   Plastic surface-mounted package; 5 leads
21 March 2006
SOT143B PHILIPS-SOT143B Datasheet
9Kb / 1P
   Plastic surface mounted package; 4 leads
29 November 2004
SOT753 NXP-SOT753 Datasheet
248Kb / 5P
   plastic surface-mounted package; 5 leads
8 February 2016
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com