Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T940-30NLI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5T940-30NLI
Description  PRECISION CLOCK GENERATOR OC-192 APPLICATIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T940-30NLI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5T940-30NLI Datasheet HTML 1Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 2Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 3Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 4Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 5Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 6Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 7Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 8Page - Integrated Device Technology IDT5T940-30NLI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT5T940
PRECISION CLOCKGENERATOROC-192 APPLICATIONS
PIN CONFIGURATION
NOTE:
1. Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VDD
Power Supply Voltage
–0.5 to +4.1
V
VI
Input Voltage
–0.5 to +4.1
V
VO
Output Voltage
–0.5 to VDD+0.5
V
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
–65 to +165
°C
NOTE:
1. Capacitance applies to all inputs except CLK/REF[1:0] and SELmode.
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Typ.
Max.
Unit
CIN
InputCapacitance
2.5
3
pF
COUT
OutputCapacitance
pF
VFQFPN
TOP VIEW
GND
CLKIN
CLKIN
GND
REFIN
REFIN
GND
VDD
GND
QREG
QREG
LOCK
GND
VDD
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
11
12
13
14
28
27
26
25
24
23
22
GND
Symbol
Description
Min.
Typ.
Max.
Unit
TA
AmbientOperatingTemperature
–40
+25
+85
°C
VDD
Power Supply Voltage
2.375
3.465
V
VT
TerminationVoltage(LVPECL)
VDD – 2
V
TerminationVoltage(LVDS)
1.2
RECOMMENDED OPERATING RANGE


Similar Part No. - IDT5T940-30NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
IDT5T9050PGI IDT-IDT5T9050PGI Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
IDT5T905PGI IDT-IDT5T905PGI Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
More results

Similar Description - IDT5T940-30NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
   PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
logo
Integrated Circuit Syst...
M840 ICST-M840 Datasheet
1,006Kb / 4P
   OC-192 MULTI-RATE CLOCK RECOVERY MODULE
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
   OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Integrated Circuit Syst...
M830 ICST-M830 Datasheet
169Kb / 6P
   12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
   3.3V PRECISION CLOCK GENERATOR
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
logo
JDS Uniphase Corporatio...
WSH-600DC95SA JDSU-WSH-600DC95SA Datasheet
131Kb / 3P
   Unidirectional OC-192 Optical Regenerator
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com