Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4503SDVM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HCPL4503SDVM
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SDVM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL4503SDVM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4/29/04
Page 3 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
HCPL4503M
** All Typicals at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
(IF = 16 mA, TA =25°C)
VF
1.45
1.7
V
Input Forward Voltage
(IF = 16 mA)
1.8
Input Reverse Breakdown Voltage
(IR = 10 µA)
BVR
5.0
V
Temperature coefficient of
forward voltage
(IF = 16 mA)
(
∆VF/∆TA)
-1.6
mV/°C
DETECTOR
Logic high output current
(IF = 0 mA, VO = VCC = 5.5 V)
(TA =25°C)
IOH
0.001
0.5
µA
(IF = 0 mA, VO = VCC = 15 V)
(TA =25°C)
0.005
1
(IF = 0 mA, VO = VCC = 15 V)
50
Logic low supply current
(IF = 16 mA, VO = Open)
(VCC = 15 V)
ICCL
120
200
µA
Logic high supply current
(IF = 0 mA, VO = Open, VCC = 15 V)
(TA =25°C)
ICCH
1
µA
(IF = 0 mA, VO = Open)
(VCC = 15 V)
2


Similar Part No. - HCPL4503SDVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503SDVM FAIRCHILD-HCPL4503SDVM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503SDVM FAIRCHILD-HCPL4503SDVM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503SDVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com