Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V283L10PFI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V283L10PFI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V283L10PFI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V283L10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 10Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 11Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 12Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 13Page - Integrated Device Technology IDT72V283L10PFI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V223/233/243/253/263/273/283/293 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
512 x 18, 1K x 9/18, 2K x 9/18, 4K x 9/18, 8K x 9/18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9
AC ELECTRICAL CHARACTERISTICS(1)— ASYNCHRONOUS TIMING
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C;Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
Commercial
IDT72V223L6
IDT72V223L7-5
IDT72V233L6
IDT72V233L7-5
IDT72V243L6
IDT72V243L7-5
IDT72V253L6
IDT72V253L7-5
IDT72V263L6
IDT72V263L7-5
IDT72V273L6
IDT72V273L7-5
IDT72V283L6
IDT72V283L7-5
IDT72V293L6
IDT72V293L7-5
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fA(4)
Cycle Frequency (Asynchronous mode)
100
83
MHz
tAA(4)
Data Access Time
0.6
8
0.6
10
ns
tCYC(4)
Cycle Time
10
12
ns
tCYH(4)
Cycle HIGH Time
4.5
5
ns
tCYL(4)
Cycle LOW Time
4.5
5
ns
tRPE(4)
Read Pulse after
EF HIGH
8
10
ns
tFFA(4)
Clock to Asynchronous
FF
—8
10
ns
tEFA(4)
Clock to Asynchronous
EF
—8
10
ns
tPAFA(4)
Clock to Asynchronous Programmable Almost-Full Flag
8
10
ns
tPAEA(4)
Clock to Asynchronous Programmable Almost-Empty Flag
8
10
ns
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. Parameters apply to the BGA package only.


Similar Part No. - IDT72V283L10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V283 RENESAS-IDT72V283 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - IDT72V283L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com