Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP4200SB Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # TSP4200SB
Description  Surface Mount Thyristor Surge Protective Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TSP4200SB Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  TSP4200SB Datasheet HTML 1Page - Bruckewell Technology LTD TSP4200SB Datasheet HTML 2Page - Bruckewell Technology LTD TSP4200SB Datasheet HTML 3Page - Bruckewell Technology LTD TSP4200SB Datasheet HTML 4Page - Bruckewell Technology LTD TSP4200SB Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSP0080SB-TSP4200SB
Surface Mount
Thyristor Surge Protective Devices
Publication Order Number: [TSP0080SB-TSP4200SB]
©Bruckewell Technology Corporation Rev. A -2014
Description
TSP0080SB – TSP4200SB Series are designed to
protect broadband equipment such as modems, line
card, CPE and DSL from damaging over-voltage
transients.
The series provides a surface mount solution that
enables equipment to comply with global regulatory
standards.
Features
• Low voltage overshoot
• Low on-state voltage
• Does not degrade surge capability after multiple surge
events within limit
• Fails short circuit when surged in excess of ratings
• Low Capacitance
• RoHS compliant package
Applications
• TIA-968-A
• ITU K.20/21 Enhanced level
• ITU K.20/21 Basic Level
• GR 1089 Inter building
• GR 1089 Inter building
• IEC 6100-4-5
• YD/T 1082 YD/T 993 YD/T 950
Packing Information
3,000/Reel
Graphic symbol


Similar Part No. - TSP4200SB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TSP4200SB BWTECH-TSP4200SB Datasheet
697Kb / 4P
   Surface Mount Thyristor Surge Protective Devices
More results

Similar Description - TSP4200SB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TSP0080SB_V1 BWTECH-TSP0080SB_V1 Datasheet
697Kb / 4P
   Surface Mount Thyristor Surge Protective Devices
TSP0080SB BWTECH-TSP0080SB Datasheet
1Mb / 3P
   Surface Mount Thyristor Surge Protective Devices
logo
Shanghai Leiditech Elec...
SM7032A LEIDITECH-SM7032A Datasheet
388Kb / 3P
   Thyristor Surge Protective Devices
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com