Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP0080SB Datasheet(PDF) 5 Page - Bruckewell Technology LTD

Part # TSP0080SB
Description  Surface Mount Thyristor Surge Protective Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TSP0080SB Datasheet(HTML) 5 Page - Bruckewell Technology LTD

  TSP0080SB Datasheet HTML 1Page - Bruckewell Technology LTD TSP0080SB Datasheet HTML 2Page - Bruckewell Technology LTD TSP0080SB Datasheet HTML 3Page - Bruckewell Technology LTD TSP0080SB Datasheet HTML 4Page - Bruckewell Technology LTD TSP0080SB Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TSP0080SB-TSP4200SB
Surface Mount
Thyristor Surge Protective Devices
Publication Order Number: [TSP0080SB-TSP4200SB]
©Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Similar Part No. - TSP0080SB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TSP0080SB BWTECH-TSP0080SB Datasheet
1Mb / 3P
   Surface Mount Thyristor Surge Protective Devices
TSP0080SB BWTECH-TSP0080SB Datasheet
697Kb / 4P
   Surface Mount Thyristor Surge Protective Devices
TSP0080SB_V1 BWTECH-TSP0080SB_V1 Datasheet
697Kb / 4P
   Surface Mount Thyristor Surge Protective Devices
More results

Similar Description - TSP0080SB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TSP0080SB_V1 BWTECH-TSP0080SB_V1 Datasheet
697Kb / 4P
   Surface Mount Thyristor Surge Protective Devices
TSP0080SB BWTECH-TSP0080SB Datasheet
1Mb / 3P
   Surface Mount Thyristor Surge Protective Devices
logo
Shanghai Leiditech Elec...
SM7032A LEIDITECH-SM7032A Datasheet
388Kb / 3P
   Thyristor Surge Protective Devices
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com