Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF460 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # UF460
Description  Ultra Fast Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

UF460 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  UF460 Datasheet HTML 1Page - Bruckewell Technology LTD UF460 Datasheet HTML 2Page - Bruckewell Technology LTD UF460 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF460
Ultra Fast Power Rectifier
Publication Order Number: [UF460]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Ultrafast switching Low reverse recovery current
Reduces
• Switching & conduction losses Low thermal resistance
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C max. 10 s, per JESD 22-A111
• RoHS compliant package
Mechanical Data
• Case: DO-201AD,
• molded epoxy body Epoxy meets UL 94V-0
flammability rating
Packing & Order Information
1,250/Ammo Tape
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
UF460
Unit
Maximum repetitive peak reverse voltage
VRRM
600
V
Working peak reverse Voltage
VRWM
600
V
Maximum DC blocking Voltage
VDC
600
V
Maximum average forward rectified current
Total device
IF(AV)
4
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
125
A
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +175
°C


Similar Part No. - UF460

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF460 UTC-UF460 Datasheet
220Kb / 4P
   21A, 500V N-CHANNEL POWER MOSFET
UF460 UTC-UF460 Datasheet
220Kb / 4P
   N-CHANNEL POWER MOSFET
UF460G-T3P-T UTC-UF460G-T3P-T Datasheet
220Kb / 4P
   21A, 500V N-CHANNEL POWER MOSFET
UF460G-T3P-T UTC-UF460G-T3P-T Datasheet
220Kb / 4P
   N-CHANNEL POWER MOSFET
UF460G-T47-T UTC-UF460G-T47-T Datasheet
220Kb / 4P
   21A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - UF460

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
UF560 BWTECH-UF560 Datasheet
190Kb / 3P
   Ultra Fast Power Rectifier
SUF205A BWTECH-SUF205A Datasheet
431Kb / 4P
   Ultra Fast Power Rectifier
logo
Fairchild Semiconductor
FFPF05U60DN FAIRCHILD-FFPF05U60DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF05U60S FAIRCHILD-FFPF05U60S Datasheet
72Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA10U40DN FAIRCHILD-FFA10U40DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U40DN FAIRCHILD-FFA20U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFP05U60DN FAIRCHILD-FFP05U60DN Datasheet
53Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20U60DN FAIRCHILD-FFPF20U60DN Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF10A400HD-1 KODENSHI-SF10A400HD-1 Datasheet
225Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com