Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE4091-341 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # HFE4091-341
Description  2.5Gbps, 850nm VCSEL, TO-46 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFE4091-341 Datasheet(HTML) 1 Page - Finisar Corporation.

  HFE4091-341 Datasheet HTML 1Page - Finisar Corporation. HFE4091-341 Datasheet HTML 2Page - Finisar Corporation. HFE4091-341 Datasheet HTML 3Page - Finisar Corporation. HFE4091-341 Datasheet HTML 4Page - Finisar Corporation. HFE4091-341 Datasheet HTML 5Page - Finisar Corporation. HFE4091-341 Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F i n i s a r
Confidential and Proprietary © 2013 Finisar Corporation. All rights reserved
Rev. A1
Page 1
Product Specification
2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4091-341
PRODUCT FEATURES
850nm multi-mode oxide isolated
VCSEL
Capable of modulation operation from
DC to 2.5Gbps
TO-46 flat window metal can
component
Designed for drive currents between 3-
15mA average
Packaged with a back monitor
Attenuated window can
Unattenuated versions also available
These products are high-performance 850nm VCSELs (Vertical Cavity Surface-Emitting Lasers)
designed for high-speed data communications and packaged with a custom designed power
monitor diode. The power monitor diode can be used with appropriate feedback control circuitry
to set a maximum power level for the VCSEL. These combined features simplify design for high
data rate communication and eye safety.
These products are high radiance VCSELs designed to convert electrical current into optical
power that can be used in fiber optic communications and other applications. As the current
varies above threshold, the light intensity increases proportionally.
These products are designed to be used with inexpensive silicon or gallium arsenide detectors,
but excellent performance can also be achieved with some indium gallium arsenide detectors
(see HFD3081-108 and HFD3081-203 product data sheets).
The low drive current requirement makes direct drive from PECL (Positive Emitter Coupled
Logic) or ECL (Emitter Coupled Logic) gates possible and eases driver design.
These are designed to interface with 50/125 and 62.5/125mm multi-mode fiber. They produce
circularly symmetric, non-astigmatic, narrow divergence beams that, with appropriate lensing,
fiber couple all of the emitter power
PRODUCT SELECTION
Part Number
Description
HFE4091-341
Attenuated TO-46 component, VCSEL with Back Monitor Photodiode,
Cathode of VCSEL common with Photodiode Anode


Similar Part No. - HFE4091-341

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4094-542 FINISAR-HFE4094-542 Datasheet
114Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
More results

Similar Description - HFE4091-341

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFE4093-342 FINISAR-HFE4093-342 Datasheet
118Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4094-542 FINISAR-HFE4094-542 Datasheet
114Kb / 6P
   2.5Gbps, 850nm VCSEL, TO-46 Package
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
HFE4080-321 FINISAR-HFE4080-321 Datasheet
226Kb / 6P
   1.25Gbps 850nm VCSEL, TO-46
HFE4190-441 FINISAR-HFE4190-441 Datasheet
102Kb / 7P
   2.5Gbps 850nm VCSEL, LC TOSA
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
logo
Finisar Corporation.
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
HFE7192-6X1 FINISAR-HFE7192-6X1 Datasheet
546Kb / 7P
   8Gbps 850nm VCSEL, LC TOSA Package
HFE4083-322 FINISAR-HFE4083-322 Datasheet
119Kb / 6P
   1.25Gbps VCSEL Component, TO-46
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com