Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8519F2HTL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF8519F2HTL
Description  2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519F2HTL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF8519F2HTL Datasheet HTML 1Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 2Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 3Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 4Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 5Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 6Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 7Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 8Page - Finisar Corporation. FTLF8519F2HTL Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Specification
2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2xTL
PRODUCT FEATURES
Up to 2.125 Gb/s bi-directional
data links
Standard 2x5 pin SFF footprint
(MSA compliant)
850nm Oxide VCSEL laser
transmitter
Duplex LC connector
RoHS compliant and Lead Free
Up to 500m on 50/125
μm MMF,
300m on 62.5/125
μm MMF
Metal enclosure, for lower EMI
Single 3.3V power supply
Low power dissipation <750mW
Industrial operating temperature
range: -40°C to 85°C
APPLICATIONS
1.25 Gb/s 1000Base-SX Ethernet
Dual Rate 1.063/2.125 Gb/s Fibre
Channel
Finisar’s FTLF8519F2xTL Small Form Factor (SFF) transceivers comply with the 2x5
standard package defined by the Small Form Factor Multi-Sourcing Agreement (MSA)
1.
They are simultaneously compatible with Gigabit Ethernet as specified in IEEE Std
802.3
2 and Fibre Channel FC- PI-2 Rev. 7.03. They are RoHS compliant and lead-free
per Directive 2002/95/EC
4 and Finisar Application Note AN-2038.
PRODUCT SELECTION
FTLF8519F2xTL
x
G
2 Grounding Pins, Short EMI shield
M
6 Grounding Pins, Short EMI shield
K
2 Grounding Pins, Long EMI shield
H
6 Grounding Pins, Long EMI shield
© Finisar Corporation May 11, 2006 Rev C
Page 1


Similar Part No. - FTLF8519F2HTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2HTL FINISAR-FTLF8519F2HTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results

Similar Description - FTLF8519F2HTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XCL FINISAR-FTLF8519F2XCL Datasheet
314Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com