Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1442E2 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1442E2
Description  RoHS-6 Compliant 10GBASE-LR X2 Transponder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1442E2 Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1442E2 Datasheet HTML 1Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 2Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 3Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 4Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 5Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 6Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 7Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 8Page - Finisar Corporation. FTLX1442E2 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FTLX1442 Product Specification
 Finisar Corporation – August 2015
Rev. C
Page 4
Electrical Pad Layout
Fig 1-X2 Transponder Electrical Pad Layout
II. Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
Storage Ambient Temperature
1)
TS
-40
85
°C
Operating Case Temperature
1)
TC
0
70
°C
Supply Voltage +5.0 V
V5
0
6
V
Supply Voltage +3.3 V
V3
0
4
V
Supply Voltage APS
Vaps
0
1.5
V
Static Discharge Voltage, All Pins
2)
STd
500
V
Average Receive Optical Power
RxP max
1.5
dBm
Notes:
1)
Non-condensing.
2)
HBM
Exceeding any one of these values may permanently destroy the device.


Similar Part No. - FTLX1442E2

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1441E2 FINISAR-FTLX1441E2 Datasheet
336Kb / 10P
   RoHS-6 Compliant 10GBASE-LR X2 Transponder
FTLX1441F2 FINISAR-FTLX1441F2 Datasheet
336Kb / 10P
   RoHS-6 Compliant 10GBASE-LR X2 Transponder
More results

Similar Description - FTLX1442E2

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1441E2 FINISAR-FTLX1441E2 Datasheet
336Kb / 10P
   RoHS-6 Compliant 10GBASE-LR X2 Transponder
FTLX1462E2 FINISAR-FTLX1462E2 Datasheet
457Kb / 10P
   RoHS-6 Compliant 10GBASE-LR XENPAK Transponder
FTLX1341E2 FINISAR-FTLX1341E2 Datasheet
254Kb / 10P
   RoHS-6 Compliant 10GBASE-LRM X2 Transponder
FTLX8541E2 FINISAR-FTLX8541E2 Datasheet
238Kb / 10P
   RoHS-6 Compliant 10 Gb/s 850nm Multimode X2 Transponder
FTLX1841E2 FINISAR-FTLX1841E2 Datasheet
235Kb / 10P
   RoHS-6 Compliant 10Gb/s 1550nm Single Mode Datacom X2 ZR Transponder
FTLX1451E2 FINISAR-FTLX1451E2 Datasheet
745Kb / 11P
   RoHS-6 Compliant 1310nm XPAK Transponder
FTLX8561E2 FINISAR-FTLX8561E2 Datasheet
247Kb / 10P
   RoHS-6 Compliant 10Gb/s 850nm Multimode XENPAK Transponder
FTLX8551E3 FINISAR-FTLX8551E3 Datasheet
554Kb / 11P
   RoHS-6 Compliant 10 Gb/s 850nm XPAK Transponder
FTLX1461E2 FINISAR-FTLX1461E2 Datasheet
286Kb / 10P
   RoHS-6 Compliant 10Gb/s 1310nm Single Mode XENPAK Transponder
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
   RoHS-6 Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com