Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1721S1HCL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF1721S1HCL
Description  OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1721S1HCL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF1721S1HCL Datasheet HTML 1Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 2Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 3Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 4Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 5Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 6Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 7Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 8Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FTLF1721S1xCL 2x10 Pin SFF Product Specification – March 2006
F i n i s a r
© Finisar Corporation March 2006 Rev A
Page 3
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Maximum Supply Voltage
Vcc
-0.5
4.5
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-10
70
°C
Relative Humidity
RH
0
85
%
1
Lead Soldering Temperature/Time
260/10
°C/s
III.
Electrical Characteristics (TOP = -10 to 70 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
Vcc
3.00
3.60
V
Supply Current
Icc
270
340
mA
Transmitter
Input differential impedance
Rin
100
2
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
3
Transmit Disable Assert Time
10
us
Receiver
Single ended data output swing
Vout,pp
300
400
800
mV
4
Data output rise time
tr
100
175
ps
5
Data output fall time
tf
100
175
ps
5
SD Assert
VSD assert
Vcc – 0.5
Vcc
V
6
SD De-Assert
VSD deassert
Vee
Vee+0.5
V
6
Power Supply Rejection
PSR
100
mVpp
7
Total Generated Receiver Jitter
(peak to peak)
JRXp-p
0.07
UI
8
Total Generated Receiver Jitter
(rms)
JRXrms
0.007
UI
8
Notes:
1.
Non condensing.
2.
AC coupled.
3.
Or open circuit.
4.
Into 100 ohms differential termination.
5.
20 – 80 %
6.
Signal Detect is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
7.
All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to 1.5
MHz up to specified value applied through the power supply filtering network shown on page 23 of the
Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA)
2, September 14, 2000.
8.
Parameters per GR-253
2 section 5.6 for OC-48B.


Similar Part No. - FTLF1721S1HCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721S1HCL FINISAR-FTLF1721S1HCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTLF1721S1HCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
   OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com