Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A290011BTL-55UF Datasheet(PDF) 5 Page - AMIC Technology

Part # A290011BTL-55UF
Description  128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A290011BTL-55UF Datasheet(HTML) 5 Page - AMIC Technology

  A290011BTL-55UF Datasheet HTML 1Page - AMIC Technology A290011BTL-55UF Datasheet HTML 2Page - AMIC Technology A290011BTL-55UF Datasheet HTML 3Page - AMIC Technology A290011BTL-55UF Datasheet HTML 4Page - AMIC Technology A290011BTL-55UF Datasheet HTML 5Page - AMIC Technology A290011BTL-55UF Datasheet HTML 6Page - AMIC Technology A290011BTL-55UF Datasheet HTML 7Page - AMIC Technology A290011BTL-55UF Datasheet HTML 8Page - AMIC Technology A290011BTL-55UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
A29001B/A290011B Series
PRELIMINARY
(June, 2016, Version 0.0)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Ambient Operating Temperature ……... -55
°C to +125°C
Storage Temperature ............................. -65
°C to +150°C
Ground to VCC……………………….……… -2.0V to 6.5V
Output Voltage (Note 1) …………………… -2.0V to 6.5V
A9, OE & RESET (Note 2)………………. -2.0V to 11.5V
All other pins (Note 1) ………………………. -2.0V to 6.5V
Output Short Circuit Current (Note 3) ……………. 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot
VSS to -2.0V for periods of up to 20ns. Maximum DC
voltage on output and I/O pins is VCC +0.5V. During
voltage transitions, outputs may overshoot to VCC
+1.5V for periods up to 20ns.
2. Minimum DC input voltage on A9 pins is -0.5V. During
voltage
transitions,
A9, OE and
RESET
may
overshoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on A9 and OE is +11.5V
which may overshoot to 12.5V for periods up to 20ns.
( RESET is N/A on A290011B)
3. No more than one output is shorted at a time.
Duration of the short circuit should not be greater than
one second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
Operating Ranges
Commercial Devices
Ambient Temperature (TA) ………………… 0
°C to +70°C
Extended Range Devices
Ambient Temperature (TA) ……………… -40
°C to +85°C
VCC Supply Voltages
VCC for
± 10% devices . . . . . . . . . . . . . . +4.5V to +5.5V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself
does not occupy any addressable memory location. The
register is composed of latches that store the commands,
along with the address and data information needed to
execute the command. The contents of the register serve
as inputs to the internal state machine. The state
machine outputs dictate the function of the device. The
appropriate device bus operations table lists the inputs
and control levels required, and the resulting output. The
following subsections describe each of these operations
in further detail.
Table 1. A29001B/A290011B Device Bus Operations
Operation
CE
OE
WE
RESET
(N/A A290011B)
A0 – A16
I/O0 - I/O7
Read
L
L
H
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
CMOS Standby
VCC
± 0.5 V
X
X
VCC
± 0.5 V
X
High-Z
TTL Standby
H
X
X
VCC
± 0.5 V
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Reset
X
X
X
L
X
High-Z
Temporary Sector Unprotect (Note)
X
X
X
VID
X
X
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10.5
± 1.0V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: 1. See the "Sector Protection/Unprotection" section and Temporary Sector Unprotect for more information.
2. This function is not available on A290011B.


Similar Part No. - A290011BTL-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011BTL-55UF AMICC-A290011BTL-55UF Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results

Similar Description - A290011BTL-55UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29001 AMICC-A29001_07 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com