Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1721S1XCL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF1721S1XCL
Description  OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1721S1XCL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF1721S1XCL Datasheet HTML 1Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 2Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 3Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 4Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 5Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 6Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 7Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 8Page - Finisar Corporation. FTLF1721S1XCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
F i n i s a r
© Finisar Corporation March 2006 Rev A
Page 1
Product Specification
OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1xCL
PRODUCT FEATURES
• Up to 2.67Gb/s bi-directional
data links
• Standard 2x10 pin SFF footprint
(MSA compliant)
• Analog diagnostics functions
• Uncooled 1310nm DFB laser
transmitter
• APD Receiver
• Duplex LC connector
• Very low jitter
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Low power dissipation <900mW
typical
• Extended operating temperature
range: -10°C to 70°C
APPLICATIONS
• SONET OC-48 LR-1/ SDH STM L-16.1
• SONET OC-12 LR-1 / SDH STM L-4.1
• SONET OC-3 LR-1 / SDH STM L-1.1
• Gigabit Ethernet / 1x/2x Fibre Channel
Finisar’s FTLF1721S1xCL Small Form Factor (SFF) transceivers are compatible with the
Small Form Factor Multi-Sourcing Agreement (MSA)
1. They comply with SONET OC-
48 LR-1 (SDH STM L-16.1) standards
2, and are compatible with Gigabit Ethernet as
specified in IEEE Std 802.3
3, Fibre Channel FC-PI 13.04, SONET OC-12 and SONET
OC-3 standards
2. The transceivers are RoHS compliant and lead-free per Directive
2002/95/EC
5 and Finisar Application Note AN-20386
PRODUCT SELECTION
FTLF1721S1xCL
G
2 Grounding Pins, Short EMI shield
M
6 Grounding Pins, Short EMI shield
K
2 Grounding Pins, Long EMI shield
x
H
6 Grounding Pins, Long EMI shield


Similar Part No. - FTLF1721S1XCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1721S1XCL FRONTIER-FTLF1721S1XCL Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF1721S1XCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
   OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com