Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASR8600 Datasheet(PDF) 7 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 7 Page - AMIC Technology

Back Button ASR8600 Datasheet HTML 3Page - AMIC Technology ASR8600 Datasheet HTML 4Page - AMIC Technology ASR8600 Datasheet HTML 5Page - AMIC Technology ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology ASR8600 Datasheet HTML 10Page - AMIC Technology ASR8600 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ASR8600
PRELIMINARY
(March, 2015, Version 0.0)
6
AMIC Technology Corp.
I2C Protocol
The bus interface and control are accomplished through an
I2C compatible, 2-wire serial interface consisting of a
serial-data line (SDA) and a serial-clock line (SCL). SDA and
SCL facilitate communication between the IC and the master
at clock rate up to 400k Hz. The devices support the 7-bit I2C
addressing protocol and 8-bit register address and data byte.
The I2C standard provides for three types of bus transaction:
read, write, and a combined protocol.
During a write operation, after (slave_address + R/W) byte,
the first byte written is a register address followed by data
byte. If a read command is issued, the register address from
the previous command will be used for data access. In a
combined protocol, the first byte written is the register
address followed by reading a series of data bytes.
ASR8600 slave address is 1001010X, which 0x94 is Write to
ASR8600, and 0x95 is Read from ASR8600
.
The I2C bus protocol follows Philip
TM (now NXP company)
I2C specification. For a complete description of I2C protocol,
please refer to NXP I2C design specification.
I2C Protocols
S
Slave Address
W A
Register Address
A
Data Byte
A
P
...
17
1 1
8
1
8
1
1
I2C Write Protocol
S
Slave Address
R A
Data Byte
A
Data Byte
A
P
...
17
1 1
8
1
8
1
1
I2C Read Protocol
S
Slave Address
W A
Register Address
A
A
R
17
1 1
8
11 1
I2C Read Protocol - Combined Format
SR
Slave Address
7
A
N
P
R
S
SR
W
...
Acknowledge (0)
Not Acknowledge (1)
Stop Condition
Read (1)
Start Condition
Repeated Start Condition
Write (0)
Condition of protocol
Master-to-Slave
Slave-to-Master
Data Byte
A
1
8
...
...
1
1
Data Byte
N P
8
Data Byte
A
1
8
Timing Diagrams
t(BUF)
VIH
VIL
VIH
VIL
t(LOW)
t(R)
t(HDSTA)
t(HDDAT)
t(HIGH)
t(F)
t(SUSTA)
t(SUDAT)
t(SUSTO)
SCL
SDA
P
S
S
P
Stop
Condition
Start
Condition
I2C Bus Timing Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
f(SCL)
Serial-Clock Frequency
0
400
KHz
t(HIGH)
Clock High Period
0.6
µs
t(LOW)
Clock Low Period
1.3
µs
T(R)
Clock/Data Rise Time
100
ns
T(F)
Clock/Data Fall Time
100
ns
t(SUDAT)
Data Setup Time
0.1
µs
t(HDDAT)
Data Hold Time
0
µs
t(BUF)
Bus Free Time Between STOP and START
1.3
µs
t(HDSTA)
Hold Time (Repeated) Start Condition
0.6
µs
t(SUSTA)
Repeated Start Condition Setup Time
0.6
µs
t(SUSTO)
Stop Condition Setup Time
0.6
µs
t(SP)
Pulse Width of Suppressed Spike
0
50
ns


Similar Part No. - ASR8600

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
ASR8601-N AMICC-ASR8601-N Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results

Similar Description - ASR8600

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
OSRAM GmbH
SFH7773 OSRAM-SFH7773 Datasheet
883Kb / 23P
   (IR-LED Proximity Sensor Ambient Light Sensor)
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Broadcom Corporation.
APDS-9009 BOARDCOM-APDS-9009 Datasheet
1Mb / 22P
   Digital UV and Ambient Light Sensor
APDS-9200 BOARDCOM-APDS-9200 Datasheet
1Mb / 22P
   Digital UV and Ambient Light Sensor
logo
OSRAM GmbH
SFH-7776 OSRAM-SFH-7776 Datasheet
1Mb / 35P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
   Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
logo
OSRAM GmbH
SFH7776 OSRAM-SFH7776_13 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com