Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP-1310-4I-LCC Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FP-1310-4I-LCC
Description  1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FP-1310-4I-LCC Datasheet(HTML) 4 Page - Finisar Corporation.

  FP-1310-4I-LCC Datasheet HTML 1Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 2Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 3Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 4Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 5Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 6Page - Finisar Corporation. FP-1310-4I-LCC Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FP-1310-4I-LCX
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 4
III.
Typical Characteristics
85°C, 60mA, SS=41
85°C, 60mA, SS=41
Typical LI curve at Tc = 25°C, 45°C, 65°C and 85°C
Typical IV curve at Tc = 25°C, 45°C, 65°C and 85°C
LD chip level bandwidth at 85°C
2.5Gb/s eye diagram at RT


Similar Part No. - FP-1310-4I-LCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FP-1310-10LRM-LCA FINISAR-FP-1310-10LRM-LCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-5I-100SMF-SCAPC FINISAR-FP-1310-5I-100SMF-SCAPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
FP-1310-5I-100SMF-SCUPC FINISAR-FP-1310-5I-100SMF-SCUPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
FP-1310-5I-50SMF-FCAPC FINISAR-FP-1310-5I-50SMF-FCAPC Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
More results

Similar Description - FP-1310-4I-LCC

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
DFB-1310-4I-LC FINISAR-DFB-1310-4I-LC Datasheet
189Kb / 5P
   DFB LASER DIODE LC TOSA
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
   DFB LASER DIODE LC TOSA
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com