Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBN410QB1C30 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FCBN410QB1C30
Description  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN410QB1C30 Datasheet(HTML) 2 Page - Finisar Corporation.

  FCBN410QB1C30 Datasheet HTML 1Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 2Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 3Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 4Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 5Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 6Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 7Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 8Page - Finisar Corporation. FCBN410QB1C30 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FCBG410QB1Cxx Product Specification – December 2013
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 2
I.
Pin Descriptions
Figure 1 – QSFP MSA-compliant 38-pin connector
Pin
Symbol
Name/Description
Notes
1
GND
Ground
1
2
Tx2n
Transmitter Inverted Data Input
3
Tx2p
Transmitter Non-Inverted Data Input
4
GND
Ground
1
5
Tx4n
Transmitter Inverted Data Input
6
Tx4p
Transmitter Non-Inverted Data Input
7
GND
Ground
1
8
ModSelL
Module Select
9
ResetL
Module Reset
10
Vcc Rx
+3.3 V Power supply receiver
11
SCL
2-wire serial interface clock
12
SDA
2-wire serial interface data
13
GND
Ground
1
14
Rx3p
Receiver Non-Inverted Data Output
15
Rx3n
Receiver Inverted Data Output
16
GND
Ground
1
17
Rx1p
Receiver Non-Inverted Data Output
18
Rx1n
Receiver Inverted Data Output
19
GND
Ground
1
20
GND
Ground
1
21
Rx2n
Receiver Inverted Data Output
22
Rx2p
Receiver Non-Inverted Data Output
23
GND
Ground
1
24
Rx4n
Receiver Inverted Data Output
25
Rx4p
Receiver Non-Inverted Data Output


Similar Part No. - FCBN410QB1C30

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C01 FINISAR-FCBN425QB1C01 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
FCBN425QB1C03 FINISAR-FCBN425QB1C03 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1C05 FINISAR-FCBN425QB1C05 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Similar Description - FCBN410QB1C30

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com