Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDV1200R Datasheet(PDF) 1 Page - Finisar Corporation.

Part # CPDV1200R
Description  Coherent 64 Gbaud Polarization Diversity Cartesian Phase Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

CPDV1200R Datasheet(HTML) 1 Page - Finisar Corporation.

  CPDV1200R Datasheet HTML 1Page - Finisar Corporation. CPDV1200R Datasheet HTML 2Page - Finisar Corporation. CPDV1200R Datasheet HTML 3Page - Finisar Corporation. CPDV1200R Datasheet HTML 4Page - Finisar Corporation. CPDV1200R Datasheet HTML 5Page - Finisar Corporation. CPDV1200R Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Confidential and Proprietary © 2015 Finisar Corporation. All rights reserved
Rev. A1
Page 1
Product Specification
Coherent 64 Gbaud Polarization Diversity
Cartesian Phase Detector
CPDV1200R-GM
PRODUCT FEATURES
 Up to 64 Gbaud
 40 GHz bandwidth
 Surface mount package
 GPPO® compatible RF-output interface
 Polarization diversity
APPLICATIONS
 Coherent T&M Systems
 400 Gb/s and 1 Tb/s coherent detection
 OFDM
 Intradyne and homodyne coherent
detection
The coherent detector module CPDV1200R-GM consists of an integrated polarization beam splitter
and four balanced photodiodes pairs monolithically integrated with optical 90° hybrids. The detector is
a fully differential optical front-end suited for up to 64 Gbaud polarization diversity x-QAM
measurement applications featuring high common mode rejection ratio.
The optical 90° hybrids
demodulate the I/Q incident signal for each respective polarization state using external reference
oscillator laser sources. The mixing products are detected by pin-photodiodes and signal is available
via GPPO
® compatible connectors.
ORDERING INFORMATION
R:
R
= 50 Ω internal, DC
GM:
GM
= GPPO® compatible, male
zz:
FA
= FC/APC connector
LP
= LC/PC connector
For accessories, please check section IX
CPDV1200R-GM-zz


Similar Part No. - CPDV1200R

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDV12V0SP-HF COMCHIP-CPDV12V0SP-HF Datasheet
294Kb / 5P
   Low Capacitance SMD ESD Protection Diode
More results

Similar Description - CPDV1200R

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SM24513PUFL LSTD-SM24513PUFL Datasheet
938Kb / 2P
   Polarization diversity
logo
Lightel Technologies IN...
PDR-15-A-B-0 LIGHTEL-PDR-15-A-B-0 Datasheet
338Kb / 2P
   Polarization Diversity Receiver
logo
Keysight Technologies
M8040A KEYSIGHT-M8040A Datasheet
3Mb / 28P
   M8040A High-Performance BERT 64 GBaud
logo
Mini-Circuits
SYPD-52W MINI-SYPD-52W Datasheet
156Kb / 1P
   Phase Detector
SYPD-52 MINI-SYPD-52 Datasheet
140Kb / 1P
   Phase Detector
logo
CML Microcircuits
DE9941 CMLMICRO-DE9941 Datasheet
669Kb / 2P
   Cartesian Loop Transmitter
logo
Motorola, Inc
MC92610 MOTOROLA-MC92610 Datasheet
557Kb / 8P
   Quad 3.125 Gbaud SERDES
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com