Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0732540190 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0732540190
Description  50 Ohms, QMA Right-Angle Plug for LMR-240 Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0732540190 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0732540190 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0732540190
Status:
Active
Overview:
QMA RF Connectors
Description:
50 Ohms, QMA Right-Angle Plug for LMR-240 Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73254
Overview
QMA RF Connectors
Product Name
QMA
Style
Cable
UPC
822348563166
Wire/Cable Type
LMR-240
Physical
Gender
Plug
Keying to Mating Part
None
Net Weight
15.186/g
Orientation
Right Angle
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73254-019
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73254 Series
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0732540190

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732540100 MOLEX11-0732540100 Datasheet
26Kb / 1P
   50 Ohms, QMA straight Jack for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540100 MOLEX-0732540100_V01 Datasheet
27Kb / 1P
   50 Ohms, QMA Straight Jack for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540110 MOLEX11-0732540110 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540111 MOLEX11-0732540111 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540180 MOLEX11-0732540180 Datasheet
30Kb / 1P
   50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable
More results

Similar Description - 0732540190

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732760690 MOLEX11-0732760690 Datasheet
30Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-240 Cable
0732760690 MOLEX-0732760690_V01 Datasheet
30Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-240 Cable
0732540370 MOLEX11-0732540370 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for RD-316 Cable
0732760670 MOLEX11-0732760670 Datasheet
34Kb / 1P
   50 Ohms, N Plug, straight. LMR-240 Cable
0732760670 MOLEX-0732760670_V01 Datasheet
35Kb / 1P
   50 Ohms, N Plug, Straight. LMR-240 Cable
0732760130 MOLEX-0732760130_V01 Datasheet
32Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-400 Cable
0732760130 MOLEX11-0732760130 Datasheet
31Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-400 Cable
0732540110 MOLEX11-0732540110 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
0732540111 MOLEX11-0732540111 Datasheet
54Kb / 1P
   50 Ohms, QMA Right-Angle Plug for LMR-100, RG-174, RG-188 and RG-316 Cable
0734040740 MOLEX11-0734040740 Datasheet
30Kb / 1P
   50 Ohms, SMB Right-Angle Plug for LMR-100, RG-174
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com